PART |
Description |
Maker |
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
SN8200EVK |
Wi┸Fi Module Evaluation Kit
|
Murata Manufacturing Co...
|
02046-EVMD-001-B |
M02046 Evaluation Module
|
M/A-COM Technology Solutions, Inc.
|
PM2002 PM2002DP |
Energy Meter Evaluation Module Energy Meter Evaluation Module 电能表评估模
|
SAMES
|
6SE6400-0EN00-0AA0 6SE6400-XXXXX-0AAX |
Pulse Encoder Evaluation Module
|
ETC
|
DS3900EVKIT |
Serial Communications Module For Evaluation Kits
|
Dallas Semiconductor
|
DR8000-EV |
916.50 MHz Transceiver Evaluation Module
|
RF Monolithics, Inc. Murata Manufacturing Co...
|
DS3900H2 DS3900H2EVKIT |
USB HID Communications Module for Evaluation Kits
|
Maxim Integrated Products
|
28500-ERR-001-A |
M28500/29503/26910 Sonet Chipset Evaluation Module
|
M/A-COM Technology Solution...
|
EVM3684-RU-00A |
18V 15A Step-Down Power Module Evaluation Board
|
MPS Industries, Inc.
|