PART |
Description |
Maker |
AS7C1026A-10JC AS7C1026A-15JI AS7C31026A-10TI AS7C |
5V 64K x 16 CM0S SRAM , 12ns access time 5V/3.3V 64K X 16 CMOS SRAM 5V 64K x 16 CM0S SRAM , 10ns access time 3.3V 64K x 16 CM0S SRAM , 12ns access time
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation]
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
CY7C287-55WC CY7C287-45JI |
64K x 8 Reprogrammable Registered PROM 64K X 8 UVPROM, 20 ns, CDIP28 64K X 8 OTPROM, 15 ns, PQCC32
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
MAX5048 MAX5048AAUT-T MAX5048BAUT-T |
GT 2C 2#4 SKT PLUG 7.6 A BUF OR INV BASED MOSFET DRIVER, PDSO6 MS/STANDARD CYLINDRICAL MIL-C-5015 TYPE CONNECTORS, STRAIGHT BODY STYLE, SOLDER TERMINATION, 14S SHELL SIZE, 14S-6 INSERT ARRANGEMENT, PLUG GENDER, 6 CONTACTS 7.6A, 12ns, SOT23 MOSFET Driver 7.6A 12ns SOT23 MOSFET Driver
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
EL2120 EL2120CS EL2120CN |
100MHz Current Feedback Amplifier 100MHz的电流反馈放大器 Op Amp, Current Feedback, 100MHz, with Disable
|
Intersil, Corp. Intersil Corporation
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT7008L20J IDT7008L20JB IDT7008L20JI IDT7008S_L I |
64K x 8 Dual-Port RAM From old datasheet system IC,SRAM,64KX8,CMOS,LDCC,84PIN,PLASTIC HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, CPGA84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 55 ns, PQCC84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology Inc Integrated Device Technology, Inc.
|
CY62126V CY62126VLL-55BAC CY62126VLL-70BAI CY62126 |
64K X 16 STANDARD SRAM, 70 ns, PDSO44 64K X 16 STANDARD SRAM, 55 ns, PDSO44 64K X 16 STANDARD SRAM, 70 ns, PBGA48 64K X 16 STANDARD SRAM, 55 ns, PBGA48 From old datasheet system 64K x 16 Static RAM
|
CYPRESS SEMICONDUCTOR CORP
|
CY7C1021BNV33L-10ZXC CY7C1021BNV33L-15BAI CY7C1021 |
64K x 16 Static RAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44 64K x 16 Static RAM 64K的16静态RAM
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C287 7C287 CY7C287-45WC CY7C287-55WC CY7C287-55 |
From old datasheet system 64K x 8 Reprogrammable Registered PROM(64K x 8重复编程的寄存式PROM)
|
http:// Cypress Semiconductor Corp.
|
CY7C1021CV33-8BAXC CY7C1021CV33-8ZXC CY7C1021CV33- |
1-Mbit (64K x 16) Static RAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IS62C6416A IS61C6416AL IS64C6416AL IS64C6416AL-15K |
64K x 16 HIGH-SPEED CMOS STATIC RAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc Integrated Silicon Solution...
|