PART |
Description |
Maker |
XQV1000 XQC100-4CG560M XQC1000-4CG560M XQC300-4CG5 |
QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NNA. QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 1536 CLBS, 322970 GATES, PBGA352 QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 661111 GATES, PBGA432 QPro Virtex 2.5V QML High-Reliability FPGAs QPro的Virtex 2.5V的QML第高可靠性的FPGA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957301NUA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NUA.
|
Xilinx, Inc.
|
T-16200 T-16201 T-16202 T-16203 T-16204 T-16205 T- |
T1 / CEPT / ISDN-PRI SMD 40 Pin Quad Modules 4 Transformers Per Part
|
Rhombus Industries Inc.
|
ASA2800S ASA2805S |
HYBRID-HIGH RELIABILITY DC/DC CONVERTER HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
|
International Rectifier
|
2N930CSM |
HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED/ MEDIUM POWER/ NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS Supercapacitor; Capacitance:0.68F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin
|
Central Semiconductor Corp SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
2N2894ACSM |
High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型PNP晶体管(高可靠性、陶瓷表贴封装)) 高速中功率开关晶体管进步党在全封闭六窑业表面贴装封装,高可靠性的应用(高速,中等功率,开关型进步党晶体管(高可靠性,陶瓷表贴封装)) HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
CDP1821C CDP1821C3 FN2983 CDP1821C_3 CDP1821CD3 CD |
From old datasheet system High-Reliability CMOS 1024-Word x 1-Bit Static RAM 高可靠性的CMOS 1024字1位静态存储器 High-Reliability CMOS 1024-Word x 1-Bit Static RAM 1K X 1 STANDARD SRAM, 255 ns, CDIP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
2SC5027-X-TF3-T 2SC5027-R-TA3-T 2SC5027-X-TA3-T 2S |
HIGH VOLTAGE AND HIGH RELIABILITY 800 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
友顺科技股份有限公司 UTC[Unisonic Technologies] http:// Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
BD6385EFV-E2 BD6389FM-E2 |
High Performance, High Reliability 36V Series Stepping Motor Driver
|
ROHM
|
SML-512DW SML512BC5T SML-512CW SML-511WW SML-511UW |
Original device technology enables high brightness and high reliability
|
Rohm http://
|
KT7050 |
High stability and high reliability 2.7 to 5.5V drive available Low phases noise
|
Kyocera Kinseki Corpotation
|