PART |
Description |
Maker |
BU4S81 |
Standard Logic LSIs > CMOS logic BU4S Series Single 2-input AND gate
|
ROHM[Rohm]
|
BU4051BC/BCF/BCFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4042B |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4052BC/BCF/BCFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4S71 |
Standard Logic LSIs > CMOS logic BU4S Series
|
ROHM
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|
HD74LV2GT08A HD74LV2GT08AUSE |
Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A Dual 2-input AND Gates / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
HD74LV2GT126A HD74LV2GT126AUSE |
Dual Bus Buffer with 3-state Output / CMOS Logic Level Shifter Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A
|
Renesas Electronics Corporation
|
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
BL-B3141P BL-B2141P BL-BX13V1G BL-BXXV1T BL-B2114 |
STANDARD LED LAMPS (ROUND TYPES) 标准LED节能灯(圆形类型 RESISTOR 1/2W 1K 5% 2010 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-PDIP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125 2K OHM 1% 1/2W CHIP RES (2010) High Speed CMOS Logic Octal Bus Transceivers/Registers with 3-State Outputs 24-SOIC -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
MACH111SP MACH231-14JI/1 MACH131-14JI/1 MACH131-5J |
EMITTER IR 880NM 5MM SMD RADIAL SUR ABSORBER 7MM 430V 1250A ZNR High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 15FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO INDUSTRIAL CAT6 PATCH CORD 5FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO RJ45 CAT6 PATCH CORD 20FT EE PLD, 15 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQFP44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 20FT EE PLD, 18 ns, PQCC44 RES 3.32K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA RJ45-DB9M (DTE) Silver Mica Capacitor; Capacitance:62pF; Capacitance Tolerance: /- 5%; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|