PART |
Description |
Maker |
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
93LC46 |
1024-Bits Serial Electrically Erasable PROM
|
Ceramate
|
AT25080B-XHL-B AT25080B-SSHL-B AT25080B-SSHL-T AT2 |
serial electrically-erasable programmable read-only memory
|
ATMEL Corporation
|
BR93LC66FV BR93LC66 BR93LC66RF BR93LC66F |
4,096-Bit Serial Electrically Erasable PROM
|
ROHM[Rohm]
|
AM93LC66SA |
4096-bits Serial Electrically Erasable PROM
|
Anachip
|
24LC21A_03 24LC21A 24LC21A1-_P 24LC21A1-_SN 24LC21 |
1K 2.5V Dual Mode I2C Serial EEPROM The 24LC21A is a 128 x 8-bit dual-mode Serial Electrically Erasable PROM designed to meet the plug-and-play requirements of today’s ... The 24LC21A is a 128 x 8-bit dual-mode Serial Electrically Erasable PROM designed to meet the plug-and-play requirements of today’s advanced monitors. The 24LC21A represents a simple, low-cost route to meeting the stringent standards 1K 2.5V Dual Mode I 2 C Serial EEPROM
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
AT93C56B-MEHM-T AT93C66B-MEHM-T AT93C56B-CUM-T AT9 |
Three-wire Serial Electrically Erasable Programmable Read-only Memory
|
ATMEL Corporation
|
BR93LC66FV |
4,096-Bit Serial Electrically Erasable PROM 4,096位串行电可擦除可编程ROM
|
Rohm Co., Ltd.
|
W27L010 W27L010-12 W27L010-90 W27L010P-12 W27L010P |
128K 8 ELECTRICALLY ERASABLE EPROM 128K X 8 EEPROM 12V, 90 ns, PDSO32 128K ′ 8 ELECTRICALLY ERASABLE EPROM 128K 8 ELECTRICALLY ERASABLE EPROM 128K ? 8 ELECTRICALLY ERASABLE EPROM
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
IS93C66A-2PI IS93C56A-3ZLA3 IS93C66A-3ZLA3 IS93C56 |
2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
HN58X2564TIE HN58X2564FPIE HN58X2564I |
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
|
Renesas Electronics Corporation
|