PART |
Description |
Maker |
3JQ125 2JQ125 |
Fuses, 125mA 350V FAST 2AG LEADED FAST BLOW ELECTRIC FUSE, 0.13A, 350VAC, 140VDC, 100A (IR), INLINE/HOLDER
|
BEL FUSE INC
|
3AB3-R 3ABP1.6-R 3AB375-R |
Fuses, RoHS 3A 250V CERAMIC FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 100A (IR), INLINE/HOLDER Fuses, RoHS 1.6A 250V CERAMIC LEAD FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 100A (IR), THROUGH HOLE Fuses, RoHS 375mA 250V CERAMIC FAST BLOW ELECTRIC FUSE, 0.375A, 250VAC, 35A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
GSA GSA1-R GSA700-R GSA500-R GSA3-R GSA7-R GSA8-R |
Slow Blow Fuse Series Fuses, RoHS 4A 250V SB UL CERAMIC SLOW BLOW ELECTRIC FUSE, 4A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, RoHS 160mA 250V SB UL CERM LEAD
|
Bel Fuse Inc. Bel Fuse, Inc.
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
SF-1206F050-2 SF-1206F200 SF-1206F250 SF-1206F300 |
Fast Acting Surface Mount Fuses SF-1206F Series - Fast Acting Surface Mount Fuses
|
Bourns Electronic Solutions Bourns Electronic Solut...
|
UERP20F |
GPP-TO Pack: ITO-220AB Ultra fast Plastic Rectifiers VOLTAGE: 350V CURRENT:20.0A
|
Gulf Semiconductor
|
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
1206SFH050/24-2 0603SFH050/24-2 0402SFH050/24-2 12 |
Fast-Acting Chip Fuses
|
Tyco Electronics
|
PF1206F2 PF1206F3 PF1206F375 PF1206F7 PF1206F8 PF1 |
Fast acting chip fuses
|
Protek Devices
|
C520-1.5-R C520-100-R C520-125-R C520-2-R C520-2.5 |
5 mm x 15 mm Fast-acting glass tube fuses
|
Eaton All Rights Reserv...
|
AGC-1-1/2-R AGC-1-R AGC-1/2-R AGC-1/4-R AGC-1-1/4- |
1/4?x 1 1??Fast-acting glass tube fuses
|
Eaton All Rights Reserv...
|