PART |
Description |
Maker |
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX8530 MAX8531 MAX8530ETT MAX8531ETT MAX8530EBT M |
Dual Low-Dropout Linear Regulator with RESET-bar or Low-Noise Output in UCSP or QFN Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
SA57000-XX |
CapFREE(TM) 150 mA, low-noise, low dropout regulator with thermal protection CapFREEE 150 mA, low-noise, low dropout
|
Philips
|
MAX8530ETTK2 MAX8531ETTGG MAX8531EBTJJ MAX8530EBTJ |
Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
|
Maxim Integrated Products
|
LT3028EDHCTRPBF |
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
|
Linear Technology
|
AS13986-2828-T AS13986-1833-T AS13986 |
Dual Low-Noise, Low-Dropout Voltage Regulator
|
austriamicrosystems AG
|
LTC3025 LT1764 LT3021 LT1761 LT3010 LT1963A LT1962 |
3μA IQ, 20mA Low Dropout Linear Regulators Dual 150mA Positive/Negative Low Noise
|
Linear Technology
|
MAX886EUK25 MAX886EUK28 MAX886EUK29 MAX886EUK30 MA |
From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23 Low-Noise / Low-Dropout / 150mA Linear Regulators in SOT23 CONNECTOR ACCESSORY 连接器附
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
LT3080 LT3080-1 LTC3025 LT1963A LT302911 LT3020 LT |
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
SG2001-3.0 SG2001-3.0XN5_TR SG2001-3.3 SG2001-3.3X |
150mA, Low Power, Low Noise Low Dropout, Linear Regulators
|
Shengbang Microelectronics Co, Ltd
|