PART |
Description |
Maker |
SB02-09CP |
90V, 200mA Rectifier Shottky Barrier Diode Small signal(single type) 90V/ 200mA Rectifier
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
PWC PWC-24S PWC-5 PWC-15 PWC-3.3E PWC-3.3S PWC-5S |
TRANS,WALL,12VDC/200mA,F2 2.5mmX5.5mm,R ANGLE,UL,CSA AP,CERM,DISC,.001uF,50V,20%, INCREMENTS of 10 TRANS,WALL,14VDC/200mA,F2, 2.1mm X 5.5mm,UL/CUL PowerBlock微小瓦电源供应器 PowerBlock Micro-Miniature 5 Watt Switching Power Supplies PowerBlock微小瓦电源供应器
|
Astrodyne, Inc.
|
BLM18AG471SN1D BLM18AG121SN1B BLM18AG102SN1D |
FERRITE CHIP 470 OHM 200MA 0603 BEAD FERRITE SM 0603 120@100MHZ 200MA BEAD,FERRITE,1000 OHMS, /-25%,100MA,0603
|
MURATA MANUFACTURING CO LTD
|
MAX1735 MAX1735EUK25-T MAX1735EUK30-T MAX1735EUK50 |
"200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23" 200mA / Negative-Output / Low-Dropout Linear Regulator in SOT23 200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23 FIXED/ADJUSTABLE NEGATIVE LDO REGULATOR, 0.24 V DROPOUT, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
50K60-01-1-03N 51K30-01-1-08N 51K30-01-1-06N |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 28VDC, PANEL MOUNT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, PANEL MOUNT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, PANEL MOUNT
|
Grayhill, Inc. GRAYHILL INC
|
CMDSH2-3 |
High Current- 200mA Super-MINI Schottky Diode(高电200mA,超小型肖特基二极 SUPER-MINI SCHOTTKY DIODE HIGH CURRENT - 200mA
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
SB02-03S |
30V/ 200mA Rectifier 30V, 200mA Rectifier 30V 200mA Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
SB02-03Q |
30V/ 200mA Rectifier 30V, 200mA Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
AS1320 |
200mA Step-Up DC-DC Converter
|
ams AG
|
|