PART |
Description |
Maker |
LTC1778EGN |
Wide Operating Range, No RSENSE Step-Down Controller
|
Linear Technology
|
LTC3778 LTC3778EF |
Wide Operating Range/ No RSENSE Step-Down Controller Wide Operating Range, No RSENSE Step-Down Controller
|
LINER[Linear Technology]
|
LTC3717 LTC3717EGN |
Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
|
Linear Technology
|
TC7SH08FU |
Wide operating voltage range : VCC = 2 to 5.5 V
|
TY Semiconductor Co., Ltd TY Semiconductor Co., L...
|
LTC3778 3778I |
Wide Operating Range, Step-Down Controller From old datasheet system
|
Linear
|
OCVCXO-188A |
Compact OCVCXO (25×25×13.5mm) High stability Wide Operating Temperature Range
|
Kyocera Kinseki Corpotation
|
MAX15026CATD MAX15026BETV |
Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
|
Maxim Integrated Produc...
|
LTC3834-1 LTC3891 LTC3863 LTC3835-1 LTC3859AL LTC3 |
60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
|
Linear Technology
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
DN8899S DN8899TE DN8899SE |
Hall IC (Operating Temperature Range Topr=-40 to 100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
DN6848TE |
Hall IC(Operating Temperature Range Topr = - 40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
DN6845S |
Hall IC (Operating Supply Voltage Range Vcc=3.6 to 16V, Operating in One Way Magnetic Field)
|
Panasonic
|