PART |
Description |
Maker |
AM79C978A AM79C978AKCW AM79C978AVCW |
Single-Chip 1/10 Mbps PCI Home Networking Controller
|
Advanced Micro Devices
|
AM79C978 AM79C978KC_W |
Single-Chip 1/10 Mbps PCI Home Networking Controller
|
Advanced Micro Devices
|
DM9801E DM9801 |
1M home Phonrline Network Physical Layer Single Chip Transceiver
|
ETC[ETC]
|
LV23411V |
For Home Stereo Systems FM/AM Tuner IC
|
Sanyo Semicon Device
|
LA-4280 |
2-Channel 10W AF Power Amp for Home Stereo/ TV Use
|
Sanyo Semicon Device
|
FAE381-J07 FAE481-E07 FAE381-A07 |
Compact, AM/FM Electronic Tuner for Popular Class Home Stereo
|
http:// MITSUMI[Mitsumi Electronics, Corp.]
|
LA1185 |
FM Front-end for Radio-cassette Recorder, Home Stereo Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
UDA1341TS |
Economy audio CODEC for MiniDisc MD home stereo and portable applications
|
NXP Semiconductors
|
LC7520 |
GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO, MUSIC CENTER USE
|
SANYO[Sanyo Semicon Device]
|
LA1175 LA1175M HOMESTEREOAPPLICATIONS |
(778.00 k) FM Front End For Car Radio, Home Stereo Applications Monolithic Linear IC
|
SANYO[Sanyo Semicon Device]
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|