PART |
Description |
Maker |
U2380001 |
USB 2.0 Hi-Speed to Serial atA (SatA) and IDE Adapter for 2.5in or 3.5in Hard Drives
|
Tripp Lite. All Rights Rese...
|
BAV23 BAV23_2 BAV23/T1 |
From old datasheet system General purpose double diode EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
|
NXP Semiconductors Philips Semiconductors
|
U439-001 |
USB 3.1 Gen 1 USB Type-C (USB-C) to SATA Hard Drive Quick Dock for 2.5 in. and 3.5 in. HDD and SSD
|
Tripp Lite. All Rights ...
|
CY7C68013A08 CY7C68013A-100AXI CY7C68013A-128AXI C |
EZ-USB FX2LP垄芒 USB Microcontroller High-Speed USB Peripheral Controller EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller EZ-USB FX2LP?/a> USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor
|
Y5-48S5 Y5-48-5 Y5-24-5 Y5-24-15 Y5-24S5 Y5-48-12 |
Analog IC Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub EZ-USB AT2LP USB 2.0 to ATA/ATAPI Bridge CY8C21634, CY8C21534 CY8C21434, CY8C21334, CY8C21234 PSoC® Mixed-Signal Array CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller USB LOW SPEED, 3 ENDPOINT, ENCORE II, 24-SOIC EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller ENCORE II USB, 8K FLASH, 256 BYTE RAM, 32 QFN 模拟IC EZ-USB AT2LP™ USB 2.0 to ATA/ATAPI Bridge EZ-USB NX2LP-Flex™ Flexible USB NAND Flash Controller CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller CY8C21634, CY8C21534 CY8C21434, CY8C21334, CY8C21234 PSoC® Mixed-Signal Array
|
东电?中国)投资有限公司
|
BAT721A BAT721S BAT721 BAT721C BAT721C/T1 BAT721SE |
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller Schottky barrier double diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CY7C68013A CY7C68013A-100AC CY7C68013A-128AXC CY7C |
CAC 2C 2#12 PIN PLUG 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128 Light Pipe; Mounting Hole Dia:3.5mm; Material:Polycarbonate; Length:10.2mm; Color:Clear; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes EZ-USB FX2LP USB Microcontroller EZ-USB FX2LP(TM) USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
NCN925211 |
High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
|
ON Semiconductor
|
MUS-2500 |
The LevelOne MUS-2500 Smart Mobile USB Storage is an intelligent Plug-and-Play high speed USB 2.0 compatible
|
Level One
|
0473623002 47362-3002 |
1.27mm (.050") Pitch Combo SATA Cable Connector, Right Angle Type, with Arris on both surface 1.27mm (.050) Pitch Combo SATA Cable Connector, Right Angle Type, with Arris on both surface
|
Molex Electronics Ltd.
|
SD-47362-100 47362-1082 |
1.27mm (.050) Pitch Combo SATA Cable Connector, Straight Type, with Arris on both surface, with bumps
|
Molex Electronics Ltd.
|
PCI-6886F-M0A1E |
Intel庐 Celeron庐 M PCI Half-sized SBC with VGA/LVDS/LAN/USB 2.0/SATA and SSD Intel? Celeron? M PCI Half-sized SBC with VGA/LVDS/LAN/USB 2.0/SATA and SSD
|
Advantech Co., Ltd.
|