PART |
Description |
Maker |
2SK3524 |
N-CHANNE SILLCON POWER MOSFET N-CHANNE SILLCON POWER MOSFET - CHANNE SILLCON功率MOSFET
|
Fuji Electric Electronic Theatre Controls, Inc.
|
MHT8P20 MTP3N12 VN2410B |
TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 8A I(D) | TO-258AA TRANSISTOR | MOSFET | N-CHANNEL | 120V V(BR)DSS | 3A I(D) | TO-220AB TRANSISTOR | MOSFET | N-CHANNEL | 240V V(BR)DSS | 700MA I(D) | TO-39 晶体管| MOSFET的| N沟道| 240伏五(巴西)直| 700mA的一d)| TO - 39封装
|
Microchip Technology, Inc.
|
STD2N50 STD2N50-1 STD2N50T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 2A I(D) | TO-252 晶体管| MOSFET的| N沟道| 500V五(巴西)直|甲(丁)|52 N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR -通道增强型功率MOS器件 STD2N50-1 I-PAK MOSFET-TRANSIT N-CHANNEL MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
2SA1666YI-UL 2SA1666YI-TR 2SC4903YL-UL 2SA1666YI-0 |
200 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR Si, NPN, RF SMALL SIGNAL TRANSISTOR 100 mA, 8 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.2 A, 30 V, 7.5 ohm, P-CHANNEL, Si, POWER, MOSFET 0.2 A, 30 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET 0.2 A, 50 V, 12 ohm, P-CHANNEL, Si, POWER, MOSFET 0.2 A, 20 V, 9 ohm, P-CHANNEL, Si, POWER, MOSFET 0.2 A, 50 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET 0.2 A, 20 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET UHF BAND, Si, RF SMALL SIGNAL, FET 3000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1 A, 60 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET 100 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 8 V, NPN, Si, SMALL SIGNAL TRANSISTOR 20 A, 60 V, 0.095 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 100 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET 100 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.3 A, 100 V, 6.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-92 2 A, 20 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET 2 A, 900 V, 7 ohm, N-CHANNEL, Si, POWER, MOSFET 5 A, 30 V, 0.13 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Bourns, Inc. LEDtronics, Inc. Integrated Device Technology, Inc. Vishay Beyschlag Air Cost Control Mini-Circuits Moeller Electric, Corp. OSRAM GmbH Cooper Hand Tools KOA Speer Electronics,Inc. ProMOS Technologies, Inc.
|
FST71100SM FST7135SM FST7160SM FST7180SM FST7120SM |
70A, 20V ultra fast recovery rectifier 70 Amp Rectifier 20 to 100 Volts Schottky Barrier MOSFET; Transistor Polarity:N Channel; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes MOSFET, DUAL NN SO-8MOSFET, DUAL NN SO-8; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:7.5A; Current, Idm pulse:30A; Power, Pd:1.1W; Resistance, Rds on:0.022R; SMD:1;
|
MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
NDT014 NDT014J23Z |
N-Channel Enhancement Mode Field Effect Transistor.7A0V.2ΩN沟道增强型场效应管(漏电.7A, 漏源电压60V,导通电.2Ω 2.7 A, 60 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 2.7A I(D) | SOT-223
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
IRFU3709 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 90A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 30V的五(巴西)直| 90A型(丁)|51AA HEXFET? Power MOSFET SMPS MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
STD1NA60 3633 STD1NA60-1 |
From old datasheet system N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 1.6A I(D) | TO-251 N-CHANNEL POWER MOSFET
|
http:// STMicroelectronics ST Microelectronics
|
FS5VSJ06 FS30UMJ06 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-220AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)| TO - 220AB现有
|
Powerex, Inc.
|
|