PART |
Description |
Maker |
FCB20N60F12 |
600V N-Channe MOSFET 600V, 20A, 190mΩ
|
Fairchild Semiconductor
|
MHT8P20 MTP3N12 VN2410B |
TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 8A I(D) | TO-258AA TRANSISTOR | MOSFET | N-CHANNEL | 120V V(BR)DSS | 3A I(D) | TO-220AB TRANSISTOR | MOSFET | N-CHANNEL | 240V V(BR)DSS | 700MA I(D) | TO-39 晶体管| MOSFET的| N沟道| 240伏五(巴西)直| 700mA的一d)| TO - 39封装
|
Microchip Technology, Inc.
|
STM322 STM420 STM423 STM323 STM421 STM353 STM430 S |
TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 2.8A I(D) | TO-204AA USB Port Lithium-Ion/Polymer Battery Charger 2A Lithium-Ion/Polymer Battery Charger TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 13A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 4.5A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 3.3A I(D) | TO-204AA NanoPower Voltage Detectors TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 2.2A I(D) | TO-204AA 1A Linear Li-Ion Battery Charger in 2.2x2.2mm STDFN TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 11A I(D) | TO-3 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 11A条(丁)| TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 2.8A I(D) | TO-204AA 晶体管| MOSFET的| N沟道| 350V五(巴西)直| 2.8AI(四)|04AA
|
Atmel, Corp.
|
IXFX32N50Q IXFK30N50Q IXFK32N50Q IXFX30N50Q |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 32A I(D) | TO-264AA TRANSISTOR|MOSFET|N-CHANNEL|500VV(BR)DSS|32AI(D)|TO-247VAR
HIPERFET POWER MOSFETS Q-CLASS
|
IXYS[IXYS Corporation]
|
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
SST5460 SST5462 SST5461 2N5462 2N5460 2N5461 |
P-CHANNEL JFETS MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:6.2A; Current, Idm pulse:30A; Power, Pd:1.5W; Resistance, Rds on:0.024R; SMD:1; Charge, gate
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
U4935B-ADP U4935B |
MOSFET, N, TO-3PML; Transistor type:MOSFET; Current, Id cont:2A; Resistance, Rds on:10R; Case style:TO-3PML; Current, Idm pulse:4A; Power, Pd:50W; Transistor polarity:N; Voltage, Vds max:1500V RoHS Compliant: Yes SECAM Decoder
|
TEMIC[TEMIC Semiconductors]
|
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
HCF4000 HCF4000B HCF4001 HCF4001B HCF4002 HCF4002B |
NOR GATE (289.19 k) TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,6A I(D),TO-3 RoHS Compliant: Yes T-PNP-SI-AF PO- .75W T-NPN- SI-PO & SW-PD 40 W 或非 MOSFET-PWR N-CH HI SPEED 或非 MOSFET; Transistor Polarity:P Channel; Continuous Drain Current, Id:10.5A; On-Resistance, Rds(on):0.3ohm; Package/Case:3-TO-220; Continuous Drain Current - 100 Deg C:7.5A; Continuous Drain Current - 25 Deg C:10.5A 或非 MOSFET-PWR 800V 4A 或非 NOR GATE 或非 MOSFET-PWR 500V 8A
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
IRFU320A IRFR320A |
TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 3.1A I(D) | TO-251AA TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 3.1A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 3.1AI(四)|52AA
|
|