PART |
Description |
Maker |
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
HD6432132XXXFA HD64F2132RFA20 HD64F2134FA20 HD6432 |
IC MCU AVR32 256KB FLASH 48-QFN MCU ARM 512K HS FLASH 100-TFBGA 32-Bit Microcontroller 32位微控制
|
Unisonic Technologies Co., Ltd.
|
STM8S903K3T6C STM8S903F3 |
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I2C Mainstream Application specific line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
STMicroelectronics STMicroelectronics N.V.
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
ST7FLCD1 ST7FLCD1G9M1 |
60 KBYTE FLASH 8-BIT MCU FOR LCD MONITORS WITH 2K RAM, 8-BIT ADC, TIMER, PWMS, 2 DDC, I2C, IFR 8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
|
ST Microelectronics STMicroelectronics
|
C8051F351 |
50 MIPS, 8 kB Flash, 24-Bit ADC, 28-Pin Mixed-Signal MCU 8-BIT, FLASH, 50 MHz, MICROCONTROLLER, QCC28
|
Silicon Laboratories, Inc.
|
HT68F201006 |
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
PA22-040K P22-040K P22-040K2 P23-020 P23-020K PA23 |
MCU CMOS 40 LD 33MHZ 2K EPRM, 0C to 70C, 40-CERDIP 600mil, TUBE MCU CMOS 44 LD 16MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY MCU CMOS 44 LD 16MHZ 8K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY MCU CMOS 44 LD 25MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY 14 pin PIC w/flash, comp, midrange core, 1K words flash & 128 bytes of EEPROM, -40C to 125C, 14-TSSOP, T/R MCU CMOS 40 LD 16MHZ 2K EPRM, -40C to 85C, 40-PDIP, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 28-QFN, T/R FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 18-SOIC 300mil, T/R 16-pin, 1.75KB, Flash, 72B RAM, 2x Comparator, 8HMz internal osc,Hi Volt Support, -40C to 85C, 14-TSSOP, TUBE 14 PIN, 4KB FLASH, 128 RAM, 12 I/O, -40C to 125C, 14-PDIP, TUBE MCU CMOS 44LD 25MHz 8K EPRM, 0C to 70C, 44-TQFP, T/R MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY 模拟IC Analog IC 模拟IC
|
Golledge Electronics, Ltd. Electronic Theatre Controls, Inc.
|
ATMEGA168PV ATMEGA88PV ATMEGA88PV-10PU ATMEGA88PV- |
8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash 10 MHZ, PDIP, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP28 10 MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC32
|
ATMEL Corporation Atmel, Corp.
|
ST72F321R7T6 ST72F321R7TA ST72321J9TA ST72F321J9T6 |
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE ST72321 - 8-BIT MCU WITH NESTED INTERRUPTS, FLASH,10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
|
ST Microelectronics
|
|