PART |
Description |
Maker |
OP-260ARC/883 OP-260 OP260 OP-260GS OP-260GP OP-26 |
AC 9C 6#12 3#8 SKT RECP WALL DUAL OP-AMP, 6000 uV OFFSET-MAX, 90 MHz BAND WIDTH, CQCC20 Dual High Speed,Current Feedback, OP AMP(高电流反馈双运算放大器) DUAL / HIGH-SPEED / CURRENT FEEDBACK / OPERATIONAL AMPLIFIER DUAL, HIGH-SPEED, CURRENT FEEDBACK, OPERATIONAL AMPLIFIER
|
Analog Devices, Inc.
|
HFA1155 HFA1155EVA HFA1155IB HFA1155IB9 HFA1155IH9 |
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier 380MHz,SOT - 23封装,低功耗电流反馈运算放大器 Op Amp, 380MHz, Low Power, Video, Current Feedback, SOT-23 Package 380MHz SOT-23 Low Power Current Feedback Operational Amplifier 380MHz/ SOT-23/ Low Power Current Feedback Operational Amplifier
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
NCS2510 NCS2510NBSP NCS2510SNT2G NCS2510D NCS2510D |
1.4 GHz Current Feedback Operational Amplifier 1.0 GHz Current Feedback Op Amp with Enable Feature
|
ONSEMI[ON Semiconductor]
|
HFA1150 HFA1150IB96 HFA1150IB FN4836 HFA1150IH96 H |
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier 700MHz/ SOT-23/ Low Distortion Current Feedback Operational Amplifier 700MHz SOT-23 Low Distortion Current Feedback Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HFA1145_883 HFA1145 FN3726 HFA1145MJ_883 HFA1145/8 |
High Speed/ Low Power/ Current Feedback Video Operational Amplifier with Output Disable From old datasheet system High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable 高速,低功耗,电流反馈运算与视频输出放大器禁用
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
NCS2535 NCS2535NBSP |
Triple 1.4 GHz Current Feedback Operational Amplifier w/ Disable
|
ON Semiconductor
|
HFA1145IB HFA1145IBZ HFA1145IP HFA1145IPZ HFA11XXE |
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable(330MHz,低功电流反馈视频运放)
|
INTERSIL[Intersil Corporation]
|
PA01 PA73 |
Voltage-Feedback Operational Amplifier POWER OPERATIONAL AMPLIFIERS
|
Apex Microtechnology Corporation ETC
|
AD8005 AD8005AN AD8005AR AD8005AR-REEL AD8005AR-RE |
270 MHz, 400 mA Current Feedback Amplifier 270 MHz/ 400 uA Current Feedback Amplifier 270 MHz, 400 uA Current Feedback Amplifier Ultralow Power, 170 MHz and Slew Rate of 280 V/µs
|
Analog Devices, Inc. AD[Analog Devices]
|
5962F9467602VPA 5962F9467602VPC HS7B-1100RH-Q HS7- |
Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed
Current Feedback Amplifier(抗辐射超高速电流反馈放大器) Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Radiation Hardened, Ultra High Speed Current Feedback Amplifier VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier
|
Intersil Corporation Intersil, Corp.
|