PART |
Description |
Maker |
QL5032 QL5232 QL5030 QL5064 QL5130 |
33 MHz/32-bit PCI Master/Target with Embedded Programmable Logic and dual Port SRAM(33 MHz/32位PCI目标控制器(带嵌入式可编程逻辑和双口SRAM 33 MHz/32-bit PCI Target with Embedded Programmable Logic and Dual Port SRAM(33 MHz/32位PCI目标控制器(带嵌入式可编程逻辑和双口SRAM 66 MHz/64-bit PCI Master/Target with Embedded Programmable Logic and dual Port SRAM(66MHz/64位PCI目标控制器(带嵌入式可编程逻辑和双口SRAM
|
QuickLogic Corp.
|
QL5432 QL5432_DS |
33 MHz/32-Bit PCI Master/Target with Embedded
Programmable Logic and Dual Port SRAM From old datasheet system
|
quicklogic
|
S5935 |
PCI 5V Bus Master/Target Device 32-bit
|
Applied Micro Circuits Corp.
|
QL5064-33BPB456C QL5064-33APB456C QL5064-33APB484C |
66MHz/64-bit PCI master/target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
QL5432-33APQ208C QL5432-33APQ208I QL5432-33APB456I |
33MHz/32-bit PCI master/target with embedded programmable logic and dual port SRAM. ASIC
|
QuickLogic
|
EH2645TS-133.330M |
OSCILLATORS 50PPM 0 70 3.3V 4 133.330MHZ TS CMOS 5X7MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 133.33 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
EH3645ETTS-133.330M |
OSCILLATORS 50PPM -40 85 3.3V 4 133.330MHZ TS HCMOS 5.0X3.2MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 133.33 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
EH2645ETTTS-133.333M |
OSCILLATORS 50PPM -40 85 3.3V 4 133.333MHZ TS CMOS 5X7MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 133.333 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
QL5030-4TQ144C QL5030-4TQ144I |
33MHz/32-bit PCI target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
5FW-4 |
Target, Harsh Environment target, Special, Stainless Steel, FW Series
|
Honeywell
|
PCI9080 |
I2O Compatible PCI Bus Master I/O Accelerator Chip
|
PLX Technology
|