PART |
Description |
Maker |
CMLM7405 |
MULTI DISCRETE MODULESURFACE MOUNT HIGH CURRENT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp.
|
CMLM0405 |
MULTI DISCRETE MODULESURFACE MOUNT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp.
|
HN7G01FU |
Multi Chip Discrete Device Power Management Switch Application Driver Circuit Application Interface Circuit Application TOSHIBA Multi Chip Discrete Device
|
TOSHIBA[Toshiba Semiconductor]
|
CMLM0205 |
MULTI DISCRETE MODULE SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE MULTI DISCRETE MODULE??SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE MULTI DISCRETE MODULE⑩ SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE MULTI DISCRETE MODULE?/a> SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
|
CENTRAL[Central Semiconductor Corp]
|
CTLM1074-M832D |
MULTI DISCRETE MODULE 垄芒 SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY RECTIFIER MULTI DISCRETE MODULE ?SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY RECTIFIER
|
Central Semiconductor Corp
|
10BF20 10BF80 10BF10 10BF40 10BF60 10BF100 10BF100 |
DIODE 1 A, 600 V, SILICON, SIGNAL DIODE, DO-214AA, PLASTIC, SMB, 2 PIN, Signal Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 1000V 1A Ultra-Fast Discrete Diode in a SMB package 100V 1A Ultra-Fast Discrete Diode in a SMB package 200V 1A Ultra-Fast Discrete Diode in a SMB package 400V 1A Ultra-Fast Discrete Diode in a SMB package 600V 1A Ultra-Fast Discrete Diode in a SMB package 800V 1A Ultra-Fast Discrete Diode in a SMB package
|
Vishay Semiconductors International Rectifier, Corp. IRF[International Rectifier]
|
HI3-0201HS4 HI3-0201HS5 HI1-0201HS2 HI1-0201HS5 HI |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 536-0414-4 90; Contact Mating Area Plating: Tin Interface IC 接口IC
|
Intersil, Corp.
|
2SJ221 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0611-3 05; No. of Positions: 8; Connector Type Silicon P-Channel MOS FET
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
HI1-0507A2 HI1-0506A5 HI1-0507A5 HI1-0506A2 HI3-05 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 536-0402-5 90; Contact Mating Area Plating: Tin Interface IC 接口IC
|
Intersil, Corp.
|
2SJ211 2SJ211-T2B 2SJ211-L 2SJ211-T1B |
P-CHANNEL MOS FET FOR SWITCHING Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0621-7 00; No. of Positions: 8; Connector Type: Panel
|
NEC[NEC] NEC Corp.
|
VSMP1206 |
Z-Based Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor High Power - Excellent Long Term Stabilty Z -基大块金属箔技术离散高精度表面贴装芯片电阻,高功率-卓越的长期稳 Resistors, fixed discrete
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|