PART |
Description |
Maker |
MS5A-3S1.8 MS5A-3S2.5-Z MS5A-5S3.3 BOURNSINC-MS5A- |
Switch-Power Non-Isolated DC-DC Converters 3.3V in 1.8V 5A out 1-OUTPUT DC-DC REG PWR SUPPLY MODULE Switch-Power Non-Isolated DC-DC Converters 5V in 3.3V 5A out
|
BOURNS INC
|
TP78LU5.0-0.5 TP78LU12-0.5 TP78LU15-0.5 TP78LU24-0 |
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
|
Toppower Electronic Tec...
|
VRBC-16F1AL VRBC-16F1A0 VRBC-16F1AW VRBC-16F1AX |
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 1-OUTPUT 58.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 非隔离式DC / DC转换.4 5.5 V输入0.75 3.63 V/16A输出
|
Bel Fuse, Inc. Bel Fuse Inc.
|
UCQ-2.5_30-D48N-C UCQ-2.5_40-D24P-C UCQSERIES UCP- |
40-75 Watt, DC/DC Converters Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
S7DB-07A180 S7DB-07A150 S7DB-07A500 S7DB-07A250 S7 |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 425 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 322 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 380 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 非隔离式DC / DC转换2V输入/ 1.2V电压- 5.0V输出/ 7A
|
Bel Fuse, Inc.
|
MAX8515 MAX8515A MAX8515AEK MAX8515AEXK-T MAX8515A |
Quadruple 2-Input Positive-AND Gates 14-CFP -55 to 125 Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters Wide-Input 0.6V Shunt Regulators for Isolated DC-DC Converters
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
SRDB-07A150 SRDB-07A180 SRDB-07A500 SRDB-07A300 SR |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 1-OUTPUT 17.5 W DC-DC REG PWR SUPPLY MODULE
|
BEL[Bel Fuse Inc.] Bel Fuse, Inc.
|
HBW53V08MRG |
ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
SLIN-03F1A SLIN-03F1A0 SLIN-03F1AL |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
VRAE-10E1A1 |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
SLIN-06E1A SLIN-06E1A10 |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|