PART |
Description |
Maker |
IPS5451 IPS5451S IPS5451STRL |
Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak 5-Lead Package Intelligent Power Switch 1 Channel High Side Driver in a TO-220FL Package FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
|
International Rectifier
|
MIC2026-1YM MIC2076-1BM MIC2076-1BN MIC2076-1YM MI |
Dual-Channel Power Distribution Switch Analog Switch / Multiplexer (Mux) IC; On-Resistance, Rds(on):140mohm; Number of Channels:2; Leakage Current:10mA; Package/Case:8-SOP; Mounting Type:Surface Mount 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Micrel Semiconductor, Inc. MICREL INC
|
HS9-302RH-8 HS0-302RH-Q HS9-302RH-Q |
CMOS Dual DPST Analog Switch; Temperature Range: -; Package: 14-FlatPack DUAL 2-CHANNEL, DBL POLE SGL THROW SWITCH, CDFP14 CMOS Dual DPST Analog Switch; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) DUAL 2-CHANNEL, DBL POLE SGL THROW SWITCH, UUC
|
Intersil, Corp.
|
IPS0151 IPS0151S IPS0151STRL IPS0151STRR |
Intelligent Power Switch 1 Channel Low Side Driver in a D2-Pak Package FULLY PROTECTED POWER MOSFET SWITCH
|
IRF[International Rectifier]
|
AM29CPL151H-25/BXA AM29CPL151H-25/B3A AM29CPL151-1 |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A JANTX2N6762 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF430 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFM250 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7225 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFMG50 with Standard Packaging User Programmable Special Function ASIC 500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A JANTXV2N6762 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A JANS2N6849 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6798 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A JANTX2N7228U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTX2N6798 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7221 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY9130CM with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN450 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF9240 with Standard Packaging 用户可编程ASIC的特殊功
|
Vectron International, Inc.
|
CD22M3494MQZ CD22M3494EZ CD22M3494MQA CD22M3494MQA |
16 x 8 x 1 BiMOS-E Crosspoint Switch 16x8x1 BiMOS-E Crosspoint Switch; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R 16-CHANNEL, CROSS POINT SWITCH, PQCC44
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ADG722ACPZ-REEL ADG723BRM-REEL ADG722BRMZ-REEL ADG |
CMOS, Low Voltage, 4 O Dual SPST Switch in 3 mm × 2 mm LFCSP; Package: LFCSP (3x2x.75mm); No of Pins: 8; Temperature Range: Industrial DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 CMOS, Low Voltage, 4 O Dual SPST Switch in 3 mm × 2 mm LFCSP; Package: MSOP; No of Pins: 8; Temperature Range: Industrial DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
PTQB425080 |
Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak Package
|
International Rectifier Corp.
|
AUIPS2052GTR |
Intelligent Power Switch Dual Channel Low Side Driver in an SO-8 Package
|
International Rectifier
|
IPS7081PBF |
Intelligent Power Switch 1 Channel High Side Driver in a TO-220 5-Lead Package
|
International Rectifier
|
IPS512G IPS511G IPS511GTR |
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH Intelligent Power Switch 2 Channel High Side Driver in a SO-16 Package
|
IRF[International Rectifier]
|