PART |
Description |
Maker |
LTC1864 |
Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology
|
MAX1091ACEI MAX1093BCEG MAX1093BEEG |
250ksps / 3V / 8-/4-Channel / 10-Bit ADCs with 2.5V Reference and Parallel Interface 250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
|
Maxim Integrated Products, Inc.
|
MAX1263BEEG MAX1261 MAX1261ACEI MAX1261AEEI MAX126 |
250ksps, +3V, 8-/4-Channel, 12-Bit ADCs with +2.5V Reference and Parallel Interface
|
MAXIM[Maxim Integrated Products]
|
MAX1061 MAX1063 |
" 250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface"
|
MAXIM - Dallas Semiconductor
|
MAX1293XSEVKIT |
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
|
MAXIM - Dallas Semiconductor
|
MAX1291 MAX1293 |
250ksps. 3V.8-/4-Channel.12-Bit ADCs with 2.5V Reference and Parallel Interface 250ksps3V/4通道2位ADC,带2.5V电压基准及并行接
|
Maxim Integrated Products, Inc.
|
LTC1864LACS8 LTC1865LACS8 LTC1865LIS8 LTC1864LIMS8 |
µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in SOIC; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in SOIC; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 レPower, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in SOIC; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C μPower, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP 楼矛Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP µPower, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
5962-8950101XX |
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface MIL-STD-1553/ARINC总线控制 RTU通讯
|
TE Connectivity, Ltd.
|
MAX176 MAX176BCWE MAX176ACWE MAX176ACPA MAX176BCPA |
Serial Output 12 Bits ADC(串行输出250ksps,串行2位ADC) 串行输出250ksps2位ADC,带有采保持和电压基 Serial Output 12 Bits ADC(串行输出B>250ksps,串行2位ADC) Serial-Output, 250ksps 12-Bit ADC with T/H and Reference Replaced by TMS320C6410 : Digital Signal Processors 68-PLCC 0 to 0 Replaced by TMS320C6410 : Digital Signal Processors 68-PLCC 0 to 70 Circular Connector; No. of Contacts:37; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-37 RoHS Compliant: No ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Serial-Output, 250Ksps 12-Bit ADC with T/H and Refernce 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
Maxim Integrated Produc... http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
258819 258823 258829 258831 258809 258808 258828 2 |
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface SIGN-FIRE EXTIGUISHER WATER 300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference MAX1280 Evaluation Kit/Evaluation System MAX1284 Evaluation Kit/Evaluation System 标志火灭焰器干战 1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs 标志火灭焰器
|
TE Connectivity, Ltd. Maxim Integrated Products, Inc.
|
ISL26329FVZ ISL26320FBZ |
12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels 12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
|
Intersil Corporation
|
|