PART |
Description |
Maker |
ADN2850 ADN2850ACP25-RL7 |
Nonvolatile Memory, Dual 1024 Position Programmable Resistors Dual 10-Bit Programmable Non-Volatile Resistor
|
http:// Analog Devices
|
MAX664 MAX664CPA MAX664CSA MAX664EPA MAX664ESA MAX |
Dual Mode?5V/Programmable Vicropower Voltage Regulators Dual Mode??5V/Programmable Vicropower Voltage Regulators Dual Mode5V/Programmable Vicropower Voltage Regulators FIXED/ADJUSTABLE NEGATIVE REGULATOR, CDIP8 3-Line To 8-Line Decoder/Demultiplexer 16-CDIP 3-Line To 8-Line Decoder/Demultiplexer 20-LCCC 4-Bit Binary Counter 14-CDIP -55 to 125 4-Bit Binary Counter 14-CFP -55 to 125 Dual Mode⑩ 5V/Programmable Vicropower Voltage Regulators Dual Mode 5V/Programmable Vicropower Voltage Regulators Dual Mode?/a> 5V/Programmable Vicropower Voltage Regulators
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
PG1337 PG1336 PG1335 |
Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SO; No of Pins: 8; Temperature Range: -40 Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SO; No of Pins: 8; Temperature Range: 0° Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: MSOP; No of Pins: 8; Temperature Range Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 晶体管|晶体管|叩| 100V的五(巴西)总裁| 10A条一c)|10AC
|
Linear Technology, Corp.
|
SAE80005 |
Programmable Single-/Dual-/Triple- Tone Gong Programmable Single-/Dual-/Triple- Tone Gong
|
Siemens Semiconductor Group Siemens Semiconductor G...
|
ALD1108E ALD1108EDC ALD1108EPC ALD1108ESC ALD1110E |
QUAD/DUAL EPADPRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD⑩) QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD) QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD? QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD 双电可编程模拟器件(EPAD⑩)
|
ALD[Advanced Linear Devices] Advanced Linear Devices, Inc.
|
M29F200T-55M1R M29F200T-55M3R M29F200T-55N1R M29F2 |
Single SVS For 3.3V Systems W/Programmable Time Delay 8-PDIP -40 to 125 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Adjustable Single SVS W/Programmable Time Delay 8-PDIP -40 to 125 2兆位56Kb x828KB的x16插槽,启动座单电源闪 2 Mbit 256Kb x8 or 128Kb x16 / Boot Block Single Supply Flash Memory Single 2-Input Positive-NOR Gate 5-SOT-23 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single 2-Input Positive-OR Gate 5-SOT-23 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory 2兆位256Kb x828KB的x16插槽,启动座单电源闪 Single 2-Input Positive-NOR Gate 5-SOT -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single Inverter Buffer/Driver with Open-Drain Output 5-SOT-23 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 CONNECTOR ACCESSORY 连接器附 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single Positive-Edge-Triggered D-Type Flip-Flop with Clear and Preset 8-US8 -40 to 85 Single Positive-Edge-Triggered D-Type Flip-Flop 5-SOT-23 -40 to 85 Micropower Supply Voltage Supervisor 8-TSSOP Adjustable Single SVS W/Programmable Time Delay 8-PDIP -40 to 85 Adjustable Single SVS W/Programmable Time Delay 8-TSSOP -40 to 85 Single SVS For 3.3V Systems W/Programmable Time Delay 8-TSSOP Single SVS For 3.3V Systems W/Programmable Time Delay 8-SOIC -40 to 85 Micropower Supply Voltage Supervisor 8-PDIP -40 to 85 Single Power SVS (5v) W/Pgmmable Time Delay & Push-Pull Outputs 8-CDIP -55 to 125 16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 Single 2-Input Positive-NAND Gate 5-SC70 -40 to 85 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP 20-SOIC 0 to 70 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro I/F 20-PDIP -25 to 85
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
ICS950508 ICS950508YFLF-T |
815 3 DIMM Single Chip, Programmable with VTT_PwrGood Features for Solano B Chipset Programmable Timing Control HubTM for PII/IIITTM
|
Integrated Circuit Syst... ICS Integrated Circuit Systems
|
MAX262 MAX261 MAX262BCWG-T |
Microprocessor Programmable Universal Active Filters DUAL SWITCHED CAPACITOR FILTER, DIGITALLY PROGRAMMABLE, UNIVERSAL, PDSO24
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
ICS94201 ICS94201YFT |
Programmable System Frequency Generator for PII/III??/span> Programmable System Frequency Generator for PII/III 可编程系统频率发生器有价证券/三⑩ 815 3 DIMM Single Chip, Programmable, 9250-25 Pin Out
|
ON Semiconductor ICST[Integrated Circuit Systems]
|
ADF4110 ADF4111 ADF4112 ADF4113 |
Single, Integer-N, 550 MHz PLL With Programmable Prescaler And Charge Pump Single, Integer-N, 1.2 GHz PLL With Programmable Prescaler And Charge Pump Single, Integer-N 3.0 GHz PPL With Programmable Prescaler And Charge Pump Single, Integer-N 4.0 GHz PLL With Programmable Prescaler And Charge Pump
|
Analog Devices
|
MAX267BCWG MAX267BCWGT MAX267ACWG MAX267ACWGT |
Pin-Programmable Universal and Bandpass Filters DUAL SWITCHED CAPACITOR FILTER, PIN PROGRAMMABLE, BANDPASS, PDSO24
|
Maxim Integrated Products, Inc.
|
LTC3802EGN LTC3802EUH LTC3802EGNTRPBF LTC3802-15 |
Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C DUAL SWITCHING CONTROLLER, 850 kHz SWITCHING FREQ-MAX, PDSO28 Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
|
Linear Technology Corporation Linear Technology, Corp.
|