PART |
Description |
Maker |
NCV3063DR2G NCP3063BDR2G NCP3063PG NCP3063DR2G NCP |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 1.5 A SWITCHING REGULATOR, 190 kHz SWITCHING FREQ-MAX, PDSO8 1.5 A, Step-Up/Down/ Inverting Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
ON Semiconductor
|
MC33167TVG MC33167D2TR4G |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSSO5
|
ON Semiconductor
|
LTC3727AEG-1 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
LINEAR TECHNOLOGY CORP
|
AD8009AR-REEL7 AD8009JRT-REEL |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Amplifier. Other 放大器。其
|
Analog Devices, Inc.
|
LT1170CQPBF LT1172CQPBF LT1172CS8PBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
1956IFE 1956I5 LT1956IGN |
High Voltage, 1.5A, 500kHz Step-Down
|
Linear Technology
|
LT1370CR LT1370CR-PBF LT1370-15 |
500kHz High Efficiency
6A Switching Regulator 500kHz High Efficiency 6A Switching Regulator
|
Linear Technology
|
LT1956EGN LT1956EGNTR LT1956EGNPBF LT1956EGN-5 LT1 |
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
|
Linear Technology
|
LT3431IFE LT3431-15 |
High Voltage, 3A,500kHz Step-Down Switching Regulator High Voltage, 3A, 500kHz Step-Down Switching Regulator
|
Linear Technology
|
LT3435 |
High Voltage 3A & 500kHz Step-Down Switching Regulator
|
Linear Technology
|
SC46166S |
300mA ,500KHZ HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
|
Silan Microelectronics Joint-stock
|
NB634EL NB634EL-LF-Z |
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
|
MPS Industries, Inc.
|