PART |
Description |
Maker |
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
TC1041CEUA TC1041 TC1041CEOA |
The TC1041 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting inputs of both comparators are internally connected to the reference. This increased integration allows the us Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
|
MICROCHIP[Microchip Technology]
|
PEEL18CV8C-30 PEEL18CV8P-30 PEEL18CV8J30 PEEL18CV8 |
Precision Reference; Package: METAL CAN; No of Pins: 8; Temperature Range: -55° to 125°C Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C ASIC 专用集成电路 5V Bandgap Reference; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 电可擦除可编程逻辑器件
|
Amphenol, Corp. Rochester Electronics, LLC
|
TL431BVLPRAG TL431AIDMR2G |
Programmable Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PBCY3 Adjustable 2.5-36V /- 1% Tolerance 1-100mA Shunt Regulator - PB Free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO8
|
Rectron Semiconductor
|
LT1019IS8-2.5 LTC1798 LT1019 LT1019_1 LT1019ACH-10 |
Precision Reference Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Linear Technology, Corp. LINER[Linear Technology] http:// LINEAR TECHNOLOGY CORP
|
PIC16LFR63-16I/SO PIC16FR62A16I/SO PIC16FR63-16I/S |
Serial 12-Bit Multiplying DAC in SO-8; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual, Matched Precision Operational Amplifier; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Precision Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Thermocouple Cold Junction Compensator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Microcontroller 微控制器 Micropower Voltage Reference; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 微控制器
|
Sumida, Corp. Lattice Semiconductor, Corp. NXP Semiconductors N.V. Microchip Technology, Inc.
|
LT1460BIN8-10-PBF LT1460BIN8-10-TRPBF LT1460BIN8-2 |
Micropower Precision Series Reference Family; Package: TO-92; No of Pins: 3; Temperature Range: -40°C to 85°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PBCY3 Micropower Precision Series Reference Family; Package: TO-92; No of Pins: 3; Temperature Range: -40°C to 85°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PBCY3 Micropower Precision Series Reference Family; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO3 Micropower Precision Series Reference Family; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Micropower Precision Series Reference Family; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDIP8 Micropower Precision Series Reference Family; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3.3 V, PDSO3
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
APL431BYI-TBG APL431BYI-PBG APL431AYI-TRG APL431AY |
1-OUTPUT THREE TERM VOLTAGE REFERENCE, UUC GREEN PACKAGE 1-OUTPUT THREE TERM VOLTAGE REFERENCE, PSSO3 1-OUTPUT THREE TERM VOLTAGE REFERENCE, PDSO5 1-OUTPUT THREE TERM VOLTAGE REFERENCE, PDSO3
|
Anpec Electronics, Corp. ANPEC ELECTRONICS CORP
|
TC1026CEUA TC1026 TC1026CEOA TC1026CEPA TC1026CEOA |
The TC1026 is a mixed-function device combining a general-purpose op amp, comparator, and voltage reference in a single 8-Pin package. ... The TC1026 is a mixed-function device combining a general-purpose op amp, comparator, and voltage reference in a single 8-Pin package. This increased integration allows the user to replace two or three packages, which saves space, lowers s Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
|
MICROCHIP[Microchip Technology]
|
AS7C33128PFS32_36B AS7C33128PFS32B AS7C33128PFS32B |
Sync SRAM - 3.3V 3.3V 128K X 32/36 pipeline burst synchronous SRAM LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 3000; Container: Reel 128K X 36 STANDARD SRAM, 3.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
LT1461DIS8-5 LT1461CIS8-5 LT1461BIS8-5 LT1461AIS8- |
Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3.3 V, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
1N429 |
DIODE 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, PLASTIC PACKAGE-2, Voltage Reference Diode
|
Vishay Semiconductors
|