PART |
Description |
Maker |
FODM121CV FODM121AR2 FODM121AR2V |
4-pin Full Pitch MFP Phototransistor Output Optocoupler; Package: Full Pitch MFP; No of Pins: 4; Container: Box 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER 4-pin Full Pitch MFP Phototransistor Output Optocoupler; Package: Full Pitch MFP; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor, Corp.
|
M37530T-PTC |
Converter for Connecting 42-pin 1.778mm-pitch SDIP to a 40-pin Narrow-pitch Connector (for 7531, 7540, 7542 and 7544 Groups)
|
Renesas Electronics Corporation
|
39-00-0220 39-00-0222 39-00-0054 |
Crimp Pin Contact; Wire Size (AWG):24-18; Body Material:Phosphor Bronze; Series:5558; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm; Voltage Rating:600V PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Multipole Connector; Body Material:PA Polyamide (Nylon) 6/2; Connecting Termination:Crimp; Operating Voltage:250V; Pitch Spacing:0.062" RoHS Compliant: Yes PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Connector Contact,PIN,CRIMP Terminal
|
Molex, Inc. MOLEX INC
|
SEAL100FP |
Sealed Conversion Board for Converting from 100-pin 0.65mm-pitch QFP (100P6S-A) or LCC (100D0) to 100-pin Standard Pitch
|
Renesas Electronics Corporation
|
B32632B7153 B32633B7153 B32632B7222 B32633B2103 B3 |
Metallized Polypropylene Film Capacitors (MFP)
|
EPCOS
|
B32686A7154 B32686A0683 B32686A0474 B32686A7334 B3 |
Metallized Polypropylene Film Capacitors (MFP)
|
EPCOS
|
CT3043SL-G CT3032M-G CT3043MT2-G CT3043MT1 CT3042M |
250V/400V Zero Cross 6-Pin Phototriac Optocoupler 250V/400V Zero Cross 6-Pin Phototriac Optocoupler
|
CT Micro International ...
|
M3T-100LCC-QSD |
Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.5mm-pitch LQFP
|
Renesas Electronics Corporation
|
CDST-21-HF CDST-21A-HF CDST-21C-HF CDST-21S-HF |
Halogen Free Switching Diodes Array, V-RRM=250V, V-R=250V, P-D=225mW, I-F=200mA
|
Comchip Technology
|
IRHQ7214SCS |
250V 100kRad Hi-Rel Quad N -Channel TID Hardened MOSFET in a 28-pin LCC package
|
International Rectifier
|