PART |
Description |
Maker |
OM6009SA OM6010SA OM6011SA OM6012SA OM6109SA OM611 |
500V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFETS IN HERMETIC ISOLATED 100V Single N-Channel Hi-Rel MOSFET in a D3 package 100V的单个N -沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC ITT, Corp.
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
ULS-2812H-883 ULS-2802H-883 ULS-2012H-883 ULS-2022 |
N-CHANNEL 100V - O.33 Ohm - 2A SOT-223 STRIPFET POWER MOSFET N-channel 500V - 2.5O - 4A - TO-220 PowerMESH II MOSFET Single exclusive OR gate Single bus buffer (3-state) SINGLE 8 CHANNEL ANALOG MULTIPLEXERS-DEMULTIPLEXERS Single 2-input OR gate ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS GPS PROCESSOR 八进制外设驱 Quad 2-input nand gate 2输入与非 Single inverter 单反相器 N-channel 100V - 0.32 O - 5A - TO-251/TO-252 STripFET™ Power MOSFET
|
Allegro MicroSystems, Inc. Panasonic, Corp.
|
X2114TTT X2111TTT X2112PTT X2118PFD X2118PET X2111 |
Analog IC 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7403 with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ44EPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3518 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; A IRFP1405 with Standard Packaging 模拟IC
|
NXP Semiconductors N.V.
|
AM29F400BT-50FC AM29F400BT-50FI AM29F400BB-50EE AM |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF2805 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL520N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3705ZS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7492 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46ZS with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package; A IRFPS3810 with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2908 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1310NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; A IRLL2703 with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ34VL with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24E with Standard Packaging A 30V Single N-Channel HEXFET Power MOSFET in a DirectFET ST package. Recommended replacement is IRF6621; A IRF6604 with Standard Tape and Reel Quantity 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRLZ34NS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7452 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3803V with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ48NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3710ZL with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRLI2203N with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3714ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ48ZL with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3714S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3714S with Standard Packaging 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
FDN336P FDN336 FDN336PNL |
Single P-Channel Logic Level PowerTrench MOSFET Single P-Channel 2.5V Specified PowerTrench TM MOSFET Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
IRLR3715 IRLU3715 IRLR3715TRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 54A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 54A条(丁)|52AA SMPS MOSFET 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
NTD95N02R NTD95N02R-001 NTD95N02R-001G NTD95N02RG |
Power MOSFET 24V, 95 A, N-Channel Single DPAK Power MOSFET 24V, 95 A, N-Channel Single DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 32 A, 24 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24V, 95 A, N-Channel Single DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 32 A, 24 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 95 Amps, 24 Volts N−Channel DPAK
|
ON Semiconductor
|
NTR4003N NTR4003NT1G NTR4003NT3G |
30V N-Channel PowerTrench MOSFET 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Power MOSFET 30 V, 0.56 A. Single N-Channel SOT-23 Package; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Small Signal MOSFET 30 V, 0.56 A, Single N−Channel, SOT−23
|
3M Company ON Semiconductor
|
IRF3707Z IRF3707ZS IRF3707ZL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
IRFB23N15 IRFSL23N15D IRFB23N15DPBF IRFS23N15D |
Power MOSFET(Vdss=150V/ Rds(on)max=0.090ohm/ Id=23A) 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|