PART |
Description |
Maker |
79LV0832RPQK-20 79LV0832RT1QK-25 79LV0832RT2QK-20 |
CB 6C 6#16 SKT RECP WALL 8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM 256K X 32 EEPROM 3V, 250 ns, QFP96 8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM 256K X 32 EEPROM 3V, 200 ns, QFP96
|
Maxwell Technologies, Inc
|
M27C400206 M27C4002-90XN6TR M27C4002 M27C4002-10B1 |
4 Mbit (256Kb x16) UV EPROM and OTP EPROM 256K X 16 UVPROM, 70 ns, CDIP40 256K X 16 OTPROM, 150 ns, PQCC44 256K X 16 OTPROM, 200 ns, PDIP40 256K X 16 UVPROM, 150 ns, CDIP40 256K X 16 OTPROM, 120 ns, PQCC44
|
STMICROELECTRONICS[STMicroelectronics]
|
AT27C040-15JI AT27C040-90JI AT27C040-15RC AT27C040 |
4-Megabit 512K x 8 OTP EPROM
|
ATMEL[ATMEL Corporation]
|
AT27C102407 AT27C1024-70PI AT27C1024-45PI AT27C102 |
1-Megabit (64K x 16) OTP EPROM
|
ATMEL Corporation
|
AM28F020 AM28F021 AM28F020-120EC AM28F020-120EE AM |
3 Megabit (256 K x 8-Bit) CMOS 12.0 Volt Bulk Erase Flash Memory(509.20 k) Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PQCC32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AT49BV-LV002 AT49LV002T AT49BV002 AT49BV002N AT49B |
2-MEGABIT (256K X 8) SINGLE 2.7-VOLT BATTERY-VOLTAGE⒙ FLASH MEMORY 2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage⑩ Flash Memory
|
ATMEL[ATMEL Corporation]
|
PM29F002T-70JC PM29F002T-90PC PM29F002T-55PC PM29F |
2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory 2兆位56K × 8.0伏,只有闪存的CMOS 2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory 2兆位256K × 8.0伏,只有闪存的CMOS
|
PMC-Sierra, Inc.
|
AM29SL400CT100REI AM29SL400CT150WAF AM29SL400CB120 |
CAP 150UF 4V 20% TANT SMD-7343-30 TR-7 M16C Series, 6N4 Group, 3-ch IEBus, 3-phase PWM, CRC 100P6Q-A; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PLQP0100KB-A High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal InvertingTransparent Latch with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic 12-Stage Binary Counter 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 110 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48
|
Spansion Inc. Spansion, Inc. Xicon Passive Components Amphenol, Corp.
|
AT27LV010A-70JI AT27LV010A-70JU AT27LV010A-70TI AT |
1-Megabit (128K x 8) Low Voltage OTP EPROM
|
ATMEL Corporation
|
AT27BV020-90VI AT27BV020-90VC AT27BV020-90TI AT27B |
High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-SOIC -55 to 125 256K X 8 OTPROM, 90 ns, PDSO32 High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-PDIP -55 to 125 256K X 8 OTPROM, 90 ns, PQCC32 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 256K X 8 OTPROM, 90 ns, PBGA42 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 256K X 8 OTPROM, 150 ns, PDSO32 2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
|