PART |
Description |
Maker |
STL5NK65Z L5NK65Z |
N-CHANNEL 650V - 1.5ohm - 4.2A PowerFLAT Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 650V 1.5 OHM 4.2A POWERFLAT ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 650V - 1.5ohm - 4.2A PowerFLAT Zener-Protected SuperMESHPower MOSFET N-CHANNEL 650V - 1.5ohm - 4.2A PowerFLAT⑩ Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 650V - 1.5ohm - 4.2A PowerFLATZener-Protected SuperMESH⑩Power MOSFET N沟道650V - 1.5ohm - 4.2A的PowerFLAT⑩齐保护SuperMESH⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
AOW25S65 AOWF25S65 |
650V 25A a MOS TM Power Transistor
|
Alpha & Omega Semiconductors Alpha & Omega Semicondu...
|
AOW11S65 AOWF11S65 |
650V 11A a MOS TM Power Transistor
|
Alpha & Omega Semiconductors
|
AOTF11S65 AOT11S65 AOB11S65 |
650V 11A a MOS Power Transistor
|
Alpha & Omega Semiconductors
|
UPA1724 UPA1724G PA1724 UPA1724G-E1 UPA1724G-E2 |
N-channel enhancement type power MOS FET MOS Field Effect Transistor SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 10 A, 20 V, 0.015 ohm, N-CHANNEL, Si, POWER, MOSFET
|
NEC[NEC]
|
STP15NM65N STF15NM65N STW15NM65N STB15NM65N STI15N |
N-channel 650V - 0.25Ω - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh Power MOSFET N-channel 650V - 0.25ヘ - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh⑩ Power MOSFET N-channel 650V - 0.25Ω - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh?/a> Power MOSFET
|
STMicroelectronics
|
2SK2480 2SK2480-AZ |
3 A, 900 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 MOS Field Effect Transistor SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
|
NEC Corp. NEC[NEC]
|
2SK2487 2SK2487-A |
8 A, 900 V, 1.6 ohm, N-CHANNEL, Si, POWER, MOSFET MOS Field Effect Transistor SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
|
NEC[NEC]
|
NP48N055KHE NP48N055KHE-E1-AY NP48N055KHE-E2-AY NP |
48 A, 55 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
|
NEC
|
6N65L-TN3-R 6N65G-TN3-T 6N65L-TN3-T 6N65G-TM3-T 6N |
6.2A, 650V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
7N65L-TF2-T 7N65G-T2Q-T 7N65G-TA3-T 7N65G-TF1-T 7N |
7.4A, 650V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
2N65LL-TA3-T 2N65LL-TF1-T 2N65LL-TF3-T 2N65LL-TM3- |
2A, 650V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|