PART |
Description |
Maker |
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
MSB92AWT1G MSB92AWT1 MSB92WT1 MSB92WT1G |
PNP Silicon General Purpose High Voltage Transistor(PNP通用高电压硅晶体 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
ZXTP5401ZTA ZXTP5401Z |
0.6 A, 150 V, PNP, Si, POWER TRANSISTOR 150V, SOT89, PNP High voltage transistor
|
ZETEX PLC Zetex Semiconductors Diodes Incorporated
|
FZTA92 |
PNP High Voltage Transistor PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|
CMPTA42 CMPTA42NPN CMPTA92PNP CMPTA92 |
SMD Small Signal Transistor PNP High Voltage SILICON COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
CZTA42 CZTA92 |
SMD Small Signal Transistor PNP High Voltage SMD Small Signal Transistor NPN High Voltage SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
2N5401G |
High Voltage Transistor PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
FZT558 |
0.2 A, 400 V, PNP, Si, POWER TRANSISTOR SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated
|
CP710V |
Small Signal Transistor PNP - High Voltage Transistor Chip
|
Central Semiconductor Corp
|
KSP94 KSP94BU KSP94TA |
High Voltage Transistor PNP Epitaxial Silicon Transistor
|
Fairchild Semiconductor
|