PART |
Description |
Maker |
VSKH250-08PBF VSKL250-16 SKT250-04PBF SKT250-08PBF |
Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 1600 V, SCR, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 1000 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 377 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 377 A, 1200 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
|
Vishay Semiconductors Vishay Siliconix
|
IRKLF102-08HJ IRKLF112-08HN IRKLF102-06HK IRKLF102 |
164.85 A, 800 V, SCR Silicon Controlled Rectifier, 250 A, 800 V, SCR, POWER, INT-A-PAK-5 Silicon Controlled Rectifier, 164.85 A, 600 V, SCR Silicon Controlled Rectifier, 164.85 A, 1200 V, SCR
|
Vishay Semiconductors
|
TYN058 |
SILICON CONTROLLED RECTIFIER,50V V(DRM) Silicon controlled rectifiers From old datasheet system
|
ST Microelectronics
|
IRKL41-06 IRKL41-08 IRKL41-14 |
Silicon Controlled Rectifier, 62.8 A, 600 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 800 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 1400 V, SCR, TO-240AA
|
Vishay Semiconductors
|
IRKH41-12 IRKH41-14 |
Silicon Controlled Rectifier, 62.8 A, 1200 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 1400 V, SCR, TO-240AA
|
Vishay Semiconductors
|
CS220-8N CS220-8B CS220-8D CS220-8M CENTRALSEMICON |
SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 600 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 400 V, SCR, TO-220AB Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MCR106-6G MCR106-8G MCR106-8 MCR106 MCR106-6 MCR10 |
Sensitive Gate Silicon Controlled Rectifier; Package: TO-225; No of Pins: 3; Container: Bulk; Qty per Container: 500 4 A, 600 V, SCR, TO-225AA SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
|
ONSEMI[ON Semiconductor]
|
MCR100-8G MCR100-4G MCR100-004G |
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors 0.8 A, 200 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifier; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000
|
On Semiconductor
|
S2060C S2061D |
4A sensitive-gate silicon controlled rectifier. Vrsxm 400V. 4A sensitive-gate silicon controlled rectifier. Vrsxm 500V.
|
General Electric Solid State
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
MCR649AP-9 MCR649AP-3 MCR649AP-4 MCR649AP-8 MCR649 |
SILICON CONTROLLED RECTIFIER
|
Digitron Semiconductors
|
|