PART |
Description |
Maker |
FDP18N50 FDPF18N50 FDPF18N50T |
N-Channel UniFETTM MOSFET 500V, 18A, 265m
|
Fairchild Semiconductor
|
2SK1280 |
N-Channel MOS-FET(500V, 0.5Ohm, 18A, 150W) N-Channel MOS-FET(500V 0.5Ohm 18A 150W)
|
FUJI[Fuji Electric]
|
FDP18N20F FDPF18N20FT |
N-Channel UniFETTM FRFETMOSFET 200V, 18A, 140m N-Channel MOSFET 200V, 18A, 0.14楼? N-Channel MOSFET 200V, 18A, 0.14Ω
|
Fairchild Semiconductor
|
STSJ80N4LLF3 |
N-channel 40V - 0.0042Ω - 18A - PowerSO-8 STripFET?III Power MOSFET for DC-DC conversion N-channel 40V - 0.0042ヘ - 18A - PowerSO-8⑩ STripFET⑩III Power MOSFET for DC-DC conversion
|
STMicroelectronics
|
STF20NF20 STP20NF20 STD20NF20 |
N-channel 200V - 0.10-18A- DPAK/TO-220/TO-220FP Low gate charge STripFETPower MOSFET N沟道200 0.10 18A条,DPAK/TO-220/TO-220FP低栅极电荷STripFET⑩功率MOSFET N-channel 200V - 0.10ヘ -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET⑩ Power MOSFET N-channel 200V - 0.10Ω -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET Power MOSFET N-channel 200V - 0.10Ω -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET?/a> Power MOSFET
|
STMicroelectronics N.V.
|
FDH27N50 |
27A/ 500V/ 0.19 Ohm/ N-Channel SMPS Power MOSFET Discrete Commercial N-Channel SMPS Power MOSFET, 500V, 27A, 0.19 Ohms @ VGS = 10V, TO-247 Package 27A, 500V, 0.19 Ohm, N-Channel SMPS Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
OM6059SB OM6056 OM6061SB OM6056SB OM6057SB OM6058S |
High Current, High Voltage 500V , 58 Amp N-Channel, MOSFET(大电流,高电压,500V , 58A,N沟道,MOS场效应管) POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE 100V Single N-Channel Hi-Rel MOSFET in a PB-3A package 500V Single N-Channel Hi-Rel MOSFET in a PB-3A package 600V Single N-Channel Hi-Rel MOSFET in a PB-3A package 200V Single N-Channel Hi-Rel MOSFET in a PB-3A package
|
List of Unclassifed Manufacturers International Rectifier ETC[ETC]
|
FQA13N50C |
500V N-Channel Advance Q-FET C-Series 500V N-Channel MOSFET 13.5 A, 500 V, 0.48 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRFP460P IRFP460PPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
|
IRF[International Rectifier]
|
APT5020BN APT5022BN |
POWER MOS IV 500V 28.0A 0.20 Ohm / 500V 27.0A 0.22 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|
IRF840S IRF840STRR IRF840STRL |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) 功率MOSFET(减振钢板基本\u003d 500V及的Rds(on)\u003d 0.85ohm,身份证\u003d 8.0A
|
IRF[International Rectifier] International Rectifier, Corp.
|