PART |
Description |
Maker |
ADEX-R10LH |
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1000 MHz
|
Mini-Circuits
|
ADE-R12MH |
High Reliability Mixer Level 13 (LO Power 13 dBm) 10 to 1200 MHz
|
Mini-Circuits
|
TUF-R5MHSM |
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
|
Mini-Circuits
|
ADE-R901 |
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
|
Mini-Circuits
|
ADE-R35LH |
High Reliability Mixer Level 10 (LO Power 10 dBm) 1800 to 3500 MHz
|
Mini-Circuits
|
TUF-R1MHSM |
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
|
Mini-Circuits
|
LT5522EUF LT5522EUFTR |
600MHz to 2.7GHz High Signal Level Downconverting Mixer; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C TELECOM, CELLULAR, RF AND BASEBAND CIRCUIT, PQCC16 400MHz to 2.7GHz High Signal Level Downconverting Mixer
|
Linear Technology, Corp.
|
2N6804-12 |
This 2N6804 switching transistor is military qualified up to the JANTXV level for high-reliability applications.
|
Micro Analog systems
|
LT5522 |
400MHz to 2.7GHz High Signal Level Downconverting Mixer
|
Linear Technology
|
CM-1H8 |
Miniature High Level Double Balanced Mixer 5-500 MHz
|
SIRENZA[SIRENZA MICRODEVICES]
|
CM-2H8 |
10 MHz - 1000 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9.5 dB CONVERSION LOSS-MAX From old datasheet system Miniature High Level Double Balanced Mixer 10-1000 MHz
|
SIRENZA MICRODEVICES INC ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|