PART |
Description |
Maker |
30FWJ2CZ47M |
SCHOTTKY BARRIER TYPE (LOW FORWARD VOLTAGE SCHOTTK BARRIER)
|
TOSHIBA[Toshiba Semiconductor]
|
SBR10150 |
VOLTAGE 150 V 10.0 Amp Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
LT1011MH LT1011AMH LT1011AMJ8 LT1011MJ8 LT1011CS8 |
Voltage Comparator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C COMPARATOR, 3000 uV OFFSET-MAX, 150 ns RESPONSE TIME, PDIP8
|
Linear Technology, Corp. LINER[Linear Technology]
|
MBRA100 MBRA130 MBRA140 MBRA120 MBRA180 |
SURFACE MOUNT SCHOTTK Y BARRIER RECTIFIER
|
Shenzhen Taychipst Electronic Co., Ltd
|
GX60N60C2D1 |
Fast SRAM > Late Write Synchronous SRAM; Organization (word): 512K; Organization (bit): x 36; Memory capacity (bit): 16M; Supply voltage (V): 150; Operating temperature (°C): 1.5; Package: BGA (119)
|
IXYS CORP
|
ICL7663 ICL7663ACPA ICL7663ACSA ICL7663AIJA ICL766 |
High-Performance Impact<TM> PAL<R> Circuits 28-PLCC 0 to 75 Programmable Positive Voltage Regulator "Low-Power, Adjustable- Output, Positive-Voltage Linear Regulator" 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
KK91214A KK91214AD KK91214AN KK91214B KK91214BD KK |
N-Channel NexFET&#153; Power MOSFETs 8-SON -50 to 150 音频/脉冲拨号器使用Flash功能 N-Channel NexFET™ Power MOSFETs 8-SON -50 to 150 Tone/Pulse Dialer with Flash Function
|
KODENSHI, CORP. KODENSHI CORP. KODENSHI KOREA CORP.
|
FMC5 FMG9 FMJ1 FMQ1 |
P-Channel NexFET™ Power MOSFET 6-DSBGA -55 to 150 N-Channel NexFET™ Power MOSFET 8-SON -55 to 150 TRANSISTOR | 20V V(BR)CEO | 30MA I(C) | SOT-25 Digital Media Processor 529-FCBGA 0 to 90 晶体管| 50V五(巴西)总裁| 100mA的一(c)|采用SOT - 25
|
飞思卡尔半导体(中国)有限公司
|
GSIB2540 GSIB2580 GSIB2560 GSIB2520 |
Single-phase single in-line bridge rectifiers Tjmax = 150 °C 单相单线整流Tjmax=150
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
LT1221_01 LT1221 LT1221CN8 LT1221CS8 LT1221MJ8 LT1 |
150MHz, 250V/ms, A 4 Operational Amplifier 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 1500 uV OFFSET-MAX, 150 MHz BAND WIDTH, PDIP8 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 1500 uV OFFSET-MAX, 150 MHz BAND WIDTH, PDSO8
|
LINER[Linear Technology] Linear Technology, Corp.
|
BZD23 BZD23-C10 BZD23-C100 BZD23-C11 BZD23-C110 BZ |
360 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Voltage regulator diodes 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE Voltage regulator diodes 3.9 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE CAP 1UF 50V 80-20% Y5V SMD-1206 TR-7 PLATED-NI/SN 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE Voltage regulator diodes 4.7 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Voltage regulator diodes 6.2 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Voltage regulator diodes 5.1 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE CAP 0.01UF 50V 10% Y5V SMD-1206 TR-7 PLATED-NI/SN Voltage regulator diodes(稳压二极 ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% INDUCTOR 47UH 5% FERRITE BEAD 47UH 10% From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
EL2003J/883B EL2033J EL2003H |
Analog Buffer/Voltage Follower 模拟缓冲电压跟随 Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches; Temperature Range: -40°C to 85°C; Package: 8-SOT-23 T&R 模拟缓冲电压跟随
|
IC MICROSYSTEMS Sdn. Bhd.
|