PART |
Description |
Maker |
JKC5819 CD1A30 JHC5819 JHC6761 JKC6761 |
45 V, 1 Amp schottky barrier rectifier chip 1 AMP SCHOTTKY BARRIER RECTIFIER CHIPS 100 V, 1 Amp schottky barrier rectifier chip
|
Compensated Devices Incorporated
|
NCP1423DMR2G |
400 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer 1.2 A SWITCHING REGULATOR, 600 kHz SWITCHING FREQ-MAX, PDSO10
|
ON Semiconductor
|
GBJ25005-BP GBJ2504-BP GBJ2510-BP GBJ2502-BP GBJ25 |
RECT BRIDGE GPP 25A 50V GBJ 25 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 25A 400V GBJ 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 25A 1000V GBJ 25 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 25A 200V GBJ 25 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
SCD32-15 |
3.0 AMP Surface Mount Schottky Barrier Rectifiers VOLTAGE 20V ~ 60V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnol...
|
SS110L SS14L SS19L SS12L SS13L SS15L SS16L |
(SS12L - SS110L) 1.0 AMP Surface Mount Schottky Barrier Rectifiers 1.0 AMP. Surface Mount Schottky Barrier Rectifiers
|
TSC[Taiwan Semiconductor Company, Ltd]
|
GBU6J GBU6J-BP GBU6A-BP GBU6D-BP GBU6M-BP GBU6B-BP |
6 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 6A 600V GBU 6 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 6A 800V GBU 6 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
IRFR3910 IRFU3910 IRFRU3910 |
RECT SCHOTTKY 60V 5A POWERMITE3 Power MOSFET(Vdss=100V, Rds=0.115ohm, Id=16A)
|
IRF[International Rectifier]
|
CZSH5-40 |
SMD Schottky Rectifier Single SURFACE MOUNT SILICON SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
SR1620 |
16.0 AMP SCHOTTKY BARRIER RECTIFIERS
|
http://
|
SR3100 |
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
|
Goodwork Semiconductor ...
|
SBDT-1600-1B SBDT-1600-2B |
16 AMP SCHOTTKY BARRIER RECTIFIERS
|
DIOTEC Electronics Corporation
|