PART |
Description |
Maker |
AT80C51RD2-SLRUM AT80C51RD2-RLRUM |
IC MCU 80C51 HI PERFORM 44PLCC 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 80C51 High Performance ROM 8-bit Microcontroller
|
Atmel, Corp. ATMEL Corporation
|
80C550/83C550/87C550 P87C550EBAA P87C550EBPN P80C5 |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer 8-BIT, 8 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless/ 8 channel 8 bit A/D/ watchdog timer High Output DC/DC Converter, -40C to 85C, 8-PDIP, TUBE
|
NXP Semiconductors N.V. Philips Semiconductors
|
S83C751-5A28 S87C751-5A28 S87C751-4A28 S83C751-4A2 |
CONN, ANTENNA CONNECTOR 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
|
Philips Semiconductors NXP Semiconductors
|
P89CV51RD2FA512 P89CV51RB209 P89CV51RC2FBC557 P89C |
8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT187; Container: Tube Dry Pack 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT376; Container: Tray Dry Pack, Bakeable, Multiple 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
P89LPC933 P89LPC935FHN P89LPC936FDH P89LPC933FDH P |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
|
PHILIPS[Philips Semiconductors]
|
P89LPC952 P89LPC952FA P89LPC952FBD |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit A/D converter
|
PHILIPS[Philips Semiconductors]
|
P87CL54X2BDH P87CL52X2 P87CL52X2BBD P87CL52X2BDH P |
80C51 8-bit microcontroller family
|
PHILIPS[Philips Semiconductors]
|
P87C58X2FA P87C52 P87C54 80C52 80C52X2 P80C31X2 P8 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 80C51位单片机系列4K/8K/16K/32K的ROM / RAM的检察官办公28B/256B低电.7.5 V,低功耗,高33分之30兆赫 80C51 8-bit microcontroller family 4K-8K-16K-32K ROM-OTP 128B-256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30-33 MHz)
|
存储 NXP Semiconductors N.V.
|
P89LPC9381FDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB 3 V byte-erasable flash with 10-bit ADC
|
NXP Semiconductors
|
P89C51RD2BBD/01 P89C51RA2BBD/01 P89C51RB2BBD/01 P8 |
80C51 8-bit Flash microcontroller family
|
Philips Semiconductors NXP Semiconductors
|
P89C660 P89C668HBA P89C668HBBD P89C660HBBD P89C660 |
80C51 8-bit Flash microcontroller family
|
NXP Semiconductors
|
P89LPC932 |
80C51 8-bit microcontroller with two-clock core
|
Philips
|