PART |
Description |
Maker |
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
BS62LV4006 BS62LV4006EC-70 BS62LV4006PC BS62LV4006 |
Very Low Power/Voltage CMOS SRAM 512K X 8 bit Very Low Power/Voltage CMOS SRAM 512K X 8 bit 非常低功电压CMOS SRAM的为512k × 8 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Asynchronous 4M(512Kx8) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
74VCXH32245LBR 74VCXH32245 74VCXH32245LB |
LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER(3-STATE) WITH 3.6V TOLERANT INPUT AND OUTPUT LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS 低电压CMOS 32位总线收发器(3 - TOLERANTAT国家.6V的输入和输出
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
BS62LV2563TC BS62LV2563TI BS62LV2563 BS62LV2563DC |
5V ECL Differential Receiver; Package: SOIC; No of Pins: 8; Container: Rail Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM32K的8 Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM2K的8
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
BS62LV1605FI BS62LV1605FC BS62LV1605EIP70 BS62LV16 |
From old datasheet system Asynchronous 16M(2Mx8) bits Static RAM Very Low Power/Voltage CMOS SRAM 2M X 8 bit 非常低功电压CMOS SRAM2米x 8 Very Low Power/Voltage CMOS SRAM 2M X 8 bit 非常低功电压CMOS SRAM米x 8 LM5080 Modular Current Sharing Controller; Package: MINI SOIC; No of Pins: 8 非常低功电压CMOS SRAM米x 8
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
MC74LCX125 MC74LCX125D MC74LCX125DT MC74LCX125SD M |
LOW-VOLTAGE CMOS QUAD BUFFER LVC/LCX/Z SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 LOW-VOLTAGE CMOS QUAD BUFFER 低电压CMOS四路缓冲
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc] http://
|
ADG701BRM ADG701BRT ADG702 ADG702BRM ADG702BRT ADG |
CMOS Low Voltage 2ohm SPST Switches Low Voltage SPST Switches(低压2Ω单刀单掷开 4 Ohm, Low Voltage, Wide Bandwidth Single SPST in 6-ld SOT-23, NC CMOS Low Voltage 2 ohms SPST Switch CMOS Low Voltage 2ohm SPST Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Analog Devices, Inc. AD[Analog Devices]
|
AM29SL800C AM29SL800CB100EC AM29SL800CB100ECB AM29 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|
FMP1617CA1 FMP1617CA2 FMP1617CA4 FMP1617CA5 FMP161 |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|