PART |
Description |
Maker |
AD7899 AD7899ARS-3 AD7899SR-1 AD7899ARS-1 AD7899AR |
12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 模拟到数字转换器14 Analog-to-Digital Converter14-Bit 12-Bit Rail-to-Rail Micropower DACs in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C IC,A/D CONVERTER,SINGLE,14-BIT,CMOS,SOP,28PIN 5 V Single Supply 14-Bit 400 kSPS ADC
|
TE Connectivity, Ltd. adi Analog Devices
|
AD5302 AD5302BRM AD5322 AD5322BRM AD5312 AD5312BRM |
2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO10 2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC2655BCUF-H16TRPBF LTC2655BCUF-L16TRPBF |
Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
LTC2657BCUFD-H16PBF LTC2657BCUFD-H16TRPBF LTC2657B |
Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
LTC1450LCGTRPBF |
Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
|
Linear Technology
|
LTC1446L LTC1446 LTC1446LIS8 LTC1446LCS8 LTC1446IS |
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8 From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
MAX5217GUA |
14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
|
Maxim Integrated Products
|
LTC2617CDE LTC2617CDE-1 LTC2617IDE LTC2617IDE-1 LT |
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
|
LINER[Linear Technology]
|
LTC2610CGN LTC2620CGN LTC2600CGN LTC2600 LTC2600IG |
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
LINER[Linear Technology]
|
LTC2605CGN-1 LTC2605IGN-1 LTC2615CGN-1 LTC2615IGN- |
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
Linear Technology Corporation
|
MAX519BCSET |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs DUAL, SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16
|
Maxim Integrated Products, Inc.
|
MAX517 MAX517ACPA MAX517ACSA MAX517AEPA MAX517AESA |
From old datasheet system 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs DUAL, SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|