PART |
Description |
Maker |
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
LT3430EFE-1 LT3430-1 |
High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
|
Linear Technology
|
LT1576 |
1.5A, 200kHz Step-Down Switching Regulator(可调输出.5A, 200kHz,步降开关稳压器)
|
Linear Technology Corporation
|
LT1766EFE-5-PBF LT1766EFE-5-TR LT1766EFE-5-TRPBF L |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
CM3406 |
200KHz Step-Down Converter
|
MPS
|
LT1576 LT1576-5 LT1576C LT1576CS8 LT1576CS8-5 LT15 |
1.5A/ 200kHz Step-Down Switching Regulator 1.5A, 200kHz Step-Down Switching Regulator
|
LINER[Linear Technology]
|
PG2126 PG2118 PG2119 PG2007 PG2017 PG2036 PG2085 P |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 2A I(C) | TO-66 Photoflash Capacitor Chargers with Automatic Refresh; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 2A I(C) | TO-66 TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 2A I(C) | TO-46 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 140V V(BR)CEO | 2A I(C) | TO-5 High Voltage, 3A, 200kHz Step-Down Switching Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C 700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 2A I(C) | TO-5 晶体管|晶体管|进步党| 120伏特五(巴西)总裁|甲一(c)| TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 2A I(C) | TO-46 晶体管|晶体管|进步党| 60V的五(巴西)总裁|甲一c)|的TO - 46 High Voltage, 3A, 200kHz Step-Down Switching Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 晶体管|晶体管|进步党| 140伏特五(巴西)总裁|甲一(c)|6 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 2A I(C) | TO-46 晶体管|晶体管|进步党| 60V的五(巴西)总裁|甲一(c)|的TO - 46 700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 2A I(C) | TO-66 TRANSISTOR | BJT | PNP | 140V V(BR)CEO | 2A I(C) | TO-66
|
Fujitsu, Ltd. Electronic Theatre Controls, Inc. Zarlink Semiconductor, Inc.
|
LT3433 |
High Voltage Step-Up/Step-Down
|
Linear
|
LM2575-ADJ LM2575 LM2575-5 LM2575-12 LM2575-3.3 LM |
From old datasheet system 1.0 A STEP-OWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE⑩ 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE⒙ 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
MAX1716 MAX1716EEG MAX1716-MAX1855 MAX1854 MAX1854 |
High-Speed / Adjustable / Synchronous Step-Down Controllers with Integrated Voltage Positioning High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning " High-Speed, Digitally Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LTC3630AEMSE LTC3630EMSE |
High Efficiency High Voltage 500mA Synchronous Step-Down Converter
|
Linear Technology
|