PART |
Description |
Maker |
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C0853V-133BBXI CY7C0852AV-167AXC CY7C0851AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172
|
Cypress Semiconductor, Corp.
|
CY7C09089 CY7C09079A CY7C09099 CY7C91089 CY7C91099 |
64K x 8 Synchronous Dual-Port Static RAM(64K x 8 同步双端口静态RAM) From old datasheet system 32K/64K/128K x 8/9Synchronous Dual-Port Static RAM
|
Cypress Semiconductor Corp.
|
AT90CAN128-15AT1 AT90CAN128-15MT AT90CAN128-15MT1 |
8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
|
ATMEL Corporation
|
AL5DS9XX9V AL5DS9349V AL5DS9359V AL5DS9369V AL5DS9 |
3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
|
AverLogic Technologies Inc
|
CY7C0832AV CY7C0830AV CY7C0831AV CY7C0837AV CY7C08 |
FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM(FLEx18 3.3V 64K/128K x 3628K/256K x 18同步双端口RAM) FLEx18 3.3 64K/128K × 3628K/256K × 18同步双口RAMFLEx18 3.3 64K/128K × 3628K/256K × 18同步双端口RAM)的
|
Cypress Semiconductor Corp.
|
UPD42505C-75 UPD42505V-50H UPD42505C-75H |
FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 线存储器 Field/Frame/Line Memory 线存储器
|
HIROSE ELECTRIC Co., Ltd. SUSUMU Co., Ltd.
|
IDT72T54242 IDT72T54242L5BB IDT72T54242L6-7BB IDT7 |
32K x 10 x 4 / 32K x 10 x 2 Quad/Dual TeraSync DDR/SDR FIFO, 2.5V 64K x 10 x 4 / 64K x 10 x 2 Quad/Dual TeraSync DDR/SDR FIFO, 2.5V 128K x 10 x 4 / 128K x 10 x 2 Quad/Dual TeraSync DDR/SDR FIFO, 2.5V
|
IDT
|
CY7C0837AV CY7C0837AV-133BBC CY7C0837AV-133BBI CY7 |
FLEx18垄芒 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx183.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx18?/a> 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor Corp. http://
|
IDT72T18105L4-4BB IDT72T18115L4-4BB IDT72T18125L4- |
128K x 18 / 256K x 9 TeraSync FIFO, 2.5V - Best Value! 256K x 18 / 512K x 9 TeraSync FIFO, 2.5V - Best Value! 512K x 18 / 1M x 9 TeraSync FIFO, 2.5V - Best Value! 2K x 18 / 4K x 9 TeraSync FIFO, 2.5V - Best Value! 4K x 18 / 8K x 9 TeraSync FIFO, 2.5V - Best Value! 8K x 18 / 16K x 9 TeraSync FIFO, 2.5V - Best Value! 16K x 18 / 32K x 9 TeraSync FIFO, 2.5V - Best Value! 32K x 18 / 64K x 9 TeraSync FIFO, 2.5V - Best Value! 64K x 18 / 128K x 9 TeraSync FIFO, 2.5V - Best Value!
|
IDT
|
CY7C0833AV CY7C0833AV-100BBC CY7C0833AV-100BBI CY7 |
FLEx18⑩ 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor
|
Y5-12-12 Y5-12-15 Y5-12-5 Y5-12S15 Y5-12S5 |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 256K (32K x 8) Static RAM 16K/32K/64K/128K x 9 Low-Voltage Deep Sync™ FIFOs 模拟IC 72-Mbit QDR-II™ SRAM 2-Word Burst Architecture USB LOW SPEED, 3 ENDPOINT, ENCORE II, 16-SOIC
|
东电?中国)投资有限公司
|