PART |
Description |
Maker |
IDT72815LB IDT72835LB IDT72805LB IDT72845LB IDT728 |
CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 CMOS DUAL SyncFIFO?
|
IDT[Integrated Device Technology]
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
HIP6019B HIP6019BCB |
Dual PWM Dual Linear, Micro Core/I-O/Clock/GTL, TTL 5-Bit VID DAC, Reg Core %/I-O %/Linear .5% Advanced Dual PWM and Dual Linear Power Control
|
Intersil Corporation
|
AD7237AACHIPS AD7247AACHIPS AD7237ATQ AD7237A-15 |
LC MOS Dual 12-Bit DACPORTs Dual 12-Bit Complete DAC with Double Buffered Byte Loading Dual 12-Bit DACPORT with Parallel Load 0.001UF(1000PF) 20% 1KV Y5V RAD DUAL, PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, CDIP24
|
Analog Devices, Inc.
|
A3966SA A3966SLB A3966 3966 |
DUAL FULL-BRIDGE PWM MOTOR DRIVER DIODE SWITCHING DUAL-DUAL SERIES 70V 250mA-Io 200mW 4ns-trr SOT-363 3K/REEL 双全桥PWM电机驱动
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
IDT72V845L15PF IDT72V845L20PF IDT72V805L15PFI IDT7 |
15MBaud CMOS logic optocoupler. Dual channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Box 15MBaud CMOS logic optocoupler. Dual channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 8 Input, 6 Output Video Switch Matrix with Output Drivers; Package: TSSOP; No of Pins: 24; Container: Rail 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 3.3伏CMOS双SyncFIFO56 × 18,双512 × 18,双1,024 × 18,双2,048 × 18
|
Integrated Device Technology, Inc.
|
AIMB-252 AIMB-252G2-00A1E AIMB-252VG-M0A1E AIMB-25 |
Intel垄莽 Pentium垄莽 M/Celeron垄莽 M Mini-ITX with Dual LVDS, 5 COM, and Dual LAN Intel? Pentium? M/Celeron? M Mini-ITX with Dual LVDS, 5 COM, and Dual LAN
|
Advantech Co., Ltd.
|
OMA2541SK OMA2541SKC OMA2541SD OMA2541SKB OMA2541S |
DUAL OP-AMP, 2000 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, MBFM8 Dual Hi-Rel Operational Amplifier in a TO-3-8 package DUAL HIGH POWER OPERATIONAL AMPLIFIER
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
TC395CL TC390 TC390AL TC390CL TC391 TC391AL TC391C |
DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER High Noise Immunity Logic
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Microsemi
|
IDT72805LB10BGI IDT72845LB20PFI IDT72835LB20PFI ID |
4K x 18 DualSync FIFO, 5.0V 2K x 18 DualSync FIFO, 5.0V 1K x 18 DualSync FIFO, 5.0V 256 x 18 DualSync FIFO, 5.0V 512 x 18 DualSync FIFO, 5.0V CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 512 X 18 BI-DIRECTIONAL FIFO, 6.5 ns, PQFP128 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 2K X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 1K X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 512 X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 2K X 18 BI-DIRECTIONAL FIFO, 6.5 ns, PQFP128 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 CMOS双SyncFIFO56 × 18,双512 × 18,双1,024 × 18,双2,048 × 18,双4,096 × 18 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
|
Integrated Device Technolog... IDT Integrated Device Technology, Inc. Integrated Device Techn...
|
M5218AFP M5218AL M5218AP M5218FP M5218P M5218 M521 |
DUAL OP-AMP, 6000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDIP8 DUAL OP-AMP, 6000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PSIP8 From old datasheet system DUAL LOW-NOISE OPERATIONAL AMPLIFIERS(DUAL POWER SUPPLY TYPE) Dual Low Noise Operational Amplifier
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
|