PART |
Description |
Maker |
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY7C1356BV25-225 CY7C1354BV25-166 CY7C1354BV25-225 |
256K X 36 ZBT SRAM, 3.2 ns, PBGA119 256K x 36/512K x 18 Pipelined SRAM with NoBLArchitecture 256 × 36/512K × 18流水线的SRAM架构的总线延迟 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor Corp. Crystek, Corp.
|
IDT71V65803S133BG IDT71V65803S100BQ IDT71V65803S10 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 3.8 ns, PQFP100 256K x 36/ 512K x 18 3.3V Synchronous ZBT SRAMs RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 1K/BULK
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
GS881E18BD-200IV GS881E36BGT-200V |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 6.5 ns, PBGA165 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 6.5 ns, PQFP100
|
GSI Technology, Inc.
|
CY7C1363B-133AJC CY7C1363B-133AJI CY7C1363B-133AI |
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 7.5 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 512K X 18 CACHE SRAM, 6.5 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 512K X 18 CACHE SRAM, 7.5 ns, PBGA119 CONNECTOR ACCESSORY
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
GS88136BGD-300I GS88132BT-200 |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 5 ns, PBGA165 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 32 CACHE SRAM, 6.5 ns, PQFP100
|
GSI Technology, Inc.
|
A29L400AV A29L400A A29L400ATG-70 A29L400ATG-70F A2 |
512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
|
AMICC[AMIC Technology]
|
GS88132BT-150I GS88118BGD-150I GS88118BGD-333I |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 32 CACHE SRAM, 7.5 ns, PQFP100 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 7.5 ns, PBGA165 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 4.5 ns, PBGA165
|
GSI Technology, Inc.
|
MBM29F400BC-70 MBM29F400BC-55 MBM29F400BC-55PF MBM |
FLASH MEMORY 4M (512K x 8/256K x 16) BIT
|
Fujitsu Microelectronics
|
MX23C4100 23C4100-10 23C4100-12 23C4100-15 |
4M-BIT [512K x 8/256K x 16] MASK ROM
|
MCNIX[Macronix International]
|
MX29LV002CBQI-90 MX29LV002CBQI-70 MX29LV002CBTI-90 |
2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 256K X 8 FLASH 3V PROM, 90 ns, PQCC32 2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 256K X 8 FLASH 3V PROM, 70 ns, PQCC32 2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 256K X 8 FLASH 3V PROM, 90 ns, PDSO32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 8 FLASH 3V PROM, 70 ns, PQCC32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 8 FLASH 3V PROM, 55 ns, PDSO40 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 8 FLASH 3V PROM, 70 ns, PDSO40 1M X 8 FLASH 3V PROM, 55 ns, PDSO40
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|