PART |
Description |
Maker |
720HA115M 720HA115N 720HA115NC 720HA115NF 720HA115 |
Connector to Connector Pre-Terminated Assemblies
|
Glenair, Inc.
|
GS16S-120 GS3-0.5 GS3-1 GS3-2.5 GS3.5-0.5 GS3.5-1 |
120 mm2, WIRE TERMINAL RING TONGUE TERMINAL Non-insulated DIN 46234 1.5 mm2, WIRE TERMINAL 10 mm2, WIRE TERMINAL 16 mm2, WIRE TERMINAL
|
J S T MFG CO LTD List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
155-1567 |
Connector assemblies L8017-K1
|
International Light Technologies Inc. GILWAY[Gilway Technical Lamp]
|
SMS24 SMS24TC SMS24TG SMS15 SMS05 SMS12 SMS05TC SM |
TVS Diode Array For ESD and Latch-Up Protection Connector assemblies
|
SEMTECH[Semtech Corporation]
|
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
3780-60-2 6247-48-0 |
Connector assemblies, Single leads Test; RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
ZL50116 ZL50117 ZL50118 ZL50119 ZL50115GAG ZL50116 |
Connector assemblies, Network cables; REFLECTIVE PHOTOSENSOR SMD RSS42 32, 64 and 128 Channel CESoP Processors 32428频道CESoP处理
|
Zarlink Semiconductor Inc. Zarlink Semiconductor, Inc.
|
AN4839 AN4869 AN4505 AN4506 |
Circular Connector; No. of Contacts:23; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No LJT 55C 55#22D PIN RECP Power Assemblies
|
Dynex Semiconductor Ltd. DYNEX[Dynex Semiconductor]
|
6253-C-36 |
Connector assemblies, RF Test; Connector Type A:BNC Male; Connector Type B:BNC Male; Cable Length:3ft; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes INTERCONNECTION DEVICE 50 Ohm Cable Assembly With 50 Ohm Cable Assembly With
|
Pomona Electronics
|
ERF216B1 ER14B1 |
3 AMP ENCAPSULATED ASSEMBLIES ER SERIES 3 A, SILICON, BRIDGE RECTIFIER DIODE 3 AMP ENCAPSULATED ASSEMBLIES 3安培包膜大会
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
122506A |
Connector assemblies, Test; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|