PART |
Description |
Maker |
26-48-9106 26-50-3063 41671-0035 41671-0034 26-48- |
KK 156 Hdr Assy FrLk Bkwy 10 ckt 30 Au 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 06 ckt Tin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 13X1 M STR AU 1W .156LS .45H 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 12 ckt 30 SAu 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.156 Pitch,PC TAIL Terminal,LATCH 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 02 ckt 20 Au 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 22 ckt Tin 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 22 ckt 20 Au 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 19 ckt Tin 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 06 ckt 15 SAu 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 05 ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 24 ckt Tin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Multipole Connector; No. of Contacts:2; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Leaded Process Compatible:Yes RoHS Compliant: Yes Breakaway Header; No. of Contacts:9; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V
|
Molex, Inc. MOLEX INC
|
26-16-5109 26-16-5099 26-16-5049 |
KK 156 PCB Assy RtAn 10 Ckt Tin 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR KK 156 PCB Assy RtAn 09 Ckt Tin 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR KK 156 PCB Assy RtAn 04 Ckt Tin 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR
|
Molex, Inc.
|
09-52-1043 09-52-1029 09-52-1033 09-52-1039 09-52- |
KK 156 HOUSING ASSY PC TAIL TOP ENTRY
|
Molex Electronics Ltd.
|
50-29-1908 41792-0529 26-62-5105 41792-0528 41792- |
KK 156 Hdr Assy FrLk RtAn 06 Ckt Tin 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk RtAn 3Ckt 30 SGold 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk RtAn 10 Ckt Tin 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk RtAn 2Ckt 30 SGold 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
41772-0495 26-60-3180 26-60-3150 26-61-3160 41772- |
KK 156 Hdr Assy RtAn 30 SGold 17 Ckt 17 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Tin 18 Ckt 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Tin 15 Ckt 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn 20 Gold 16 Ckt 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn 30 SGold 05 Ckt 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn 30 SGold 06 Ckt 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
HYB18L2561 HYE25L256160AC-7.5 HYE25L256160AF-7.5 H |
HEX DIE SET,.052/.068/.100/.21 RT ANG PCB CONT .40/1.295 BULK BJAWBMSpecialty DRAMs Mobile-RAM BJAWBMSpecialty DRAM的移动RAM
|
http:// INFINEON[Infineon Technologies AG]
|
A-41815-0027 A-41815-0525 09-48-1024 A-41815-0356 |
KK 156 HOUSING PCB 41815 SERIES
|
Molex Electronics Ltd.
|
09-86-3112 09-86-3082 |
156 KK PCB Btm Entry Tin 11Ckt 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 KK PCB Btm Entry Tin 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
95001-6641 95001-6882 95001-6661 |
Phone Connector,PCB Mnt,6 Contacts,PIN,SURFACE MOUNT Terminal,LOCKING 6 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK CONN MODULAR JACK 8-8 RT ANG SMD 8 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK CONN MODULAR JACK 6-6 RT ANG SMD 6 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK
|
Molex, Inc.
|
520242-2 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; FL MOD JACK PC MT ASSY (6 POS) ( AMP )
|
Tyco Electronics
|
520251-4 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; MOD JACK PC MT ASSY (8 POS) ( AMP )
|
Tyco Electronics
|
|