PART |
Description |
Maker |
LTC3413EFE LTC3413 |
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
|
LINER[Linear Technology]
|
MIC260509 MIC2606 |
0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
|
Micrel Semiconductor
|
LTC3527 |
1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
|
Linear Technology Corporation
|
LBS13402 |
134.2MHz SAW Filter 2MHz Bandwidth
|
SIPAT Co,Ltd
|
RT8064 RT8064ZQW |
2A, 2MHz, Synchronous Step-Down Converter High Efficiency : Up to 95%, Adjustable Frequency : 200kHz to 2MHz
|
Richtek Technology Corp...
|
LT1638HS8 LT1639HS LT1638CDD LT1638IDD LT1638IMS8 |
1.2MHz, 0.4V/us Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 1.2MHz, 0.4V/μs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/渭s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/レs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
|
LINEAR TECHNOLOGY CORP
|
2N5547JANTX 2N5545JANTX 2N5545JANTXV 2N5546JANTX 2 |
Monolithic MilitaryGeneral Purpose Monolithic N-Channel JFET Duals
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
MIC2225-4MYMT MIC2225-GMYMT MIC2225-4OYMT MIC2225- |
2MHz 600mA Synchronous Buck Regulator with 300mA LDO 1 A SWITCHING REGULATOR, 2200 kHz SWITCHING FREQ-MAX, PDSO10 2MHz 600mA Synchronous Buck Regulator with 300mA LDO
|
Welwyn Components, Ltd. Micrel Semiconductor MICREL INC
|
LT3489 |
2MHz Boost DC/DC Converter
|
Linear Technology
|
TX0192A |
5.0x3.2 19.2MHz VCTCXO
|
TAI-SAW TECHNOLOGY CO., LTD.
|
3D7010SERIES 3D7010S-80 3D7010S-90 3D7010S-400 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 整体0 - TAP在固定延迟线 MONOLITHIC 10-TAP FIXED DELAY LINE Delay 8 /-1.5 ns, monolithic 10-TAP fixed delay line Delay 9 /-1.7 ns, monolithic 10-TAP fixed delay line Delay 40 /-4 ns, monolithic 10-TAP fixed delay line
|
Interpower, Corp. Data Delay Devices Inc
|