PART |
Description |
Maker |
PIC16F84AT-04I_PQTP PIC16F84AT-04I_PROM PIC16F84AT |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash/EEPROM-based ... 18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
|
Microchip Technology
|
WF128K32-50H1C5A WF128K32-50G2UC5 WF128K32-50G1TI5 |
EEPROM|FLASH|128KX32|CMOS|QFP|68PIN|CERAMIC EEPROM|FLASH|128KX32|CMOS|PGA|66PIN|CERAMIC EEPROM EEPROM
|
Aeroflex, Inc.
|
AT45DB081B AT45DB081B-TC-2.5 AT45DB081B-RC-2.5 AT4 |
8-megabit 2.5-volt Only or 2.7-volt Only DataFlash SERIAL EEPROM|FLASH|4KX264X8|CMOS|BGA|14PIN|PLASTIC SERIAL EEPROM|FLASH|4KX264X8|CMOS|SOP|28PIN|PLASTIC 1081344 X 8 FLASH 2.7V PROM, PDSO28 SERIAL EEPROM|FLASH|4KX264X8|CMOS|TSSOP|28PIN|PLASTIC 1081344 X 8 FLASH 2.7V PROM, PDSO28
|
Atmel Corp. Atmel, Corp.
|
E28F004BX-T70 PA28F400BX-T70 E28F004BX-B70 TE28F00 |
x8 Flash EEPROM x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Intel, Corp.
|
STM8L152R6 STM8L152M8T6 STM8L152C8 STM8L152C8T6 ST |
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM 8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators 8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM
|
STMicroelectronics
|
LH28F016SCHB-L90 LH28F016SCHB-L100 LH28F016SCHB-L1 |
EEPROM EEPROM x8 Flash EEPROM x8闪存EEPROM
|
Sharp, Corp.
|
STM8S903K3T6C STM8S903F3 |
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I2C Mainstream Application specific line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
STMicroelectronics STMicroelectronics N.V.
|
AT49BV8011 AT49BV8011-12CI AT49LV8011 AT49LV8011-9 |
8M bit. 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash. Bottom Boot 800万位2.7伏读取和2.7伏字节写扇区闪存。底部启 x8/x16 Flash EEPROM x8/x16闪存EEPROM 8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
|
3M Company Atmel, Corp. AMIC Technology, Corp. Advanced Micro Devices, Inc. ATMEL[ATMEL Corporation]
|
LH28F160S5HB-L70 LH28F160S5HB-L10 LH28F160S5HD-L10 |
1M X 16 FLASH 5V PROM, 80 ns, PDSO56 0.600 INCH, PLASTIC, SSOP-56 x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Sharp Electronics, Corp. Sharp, Corp.
|
PIC16LF628A-E/ML PIC16LF628A-E/P PIC16LF628A-E/SO |
FLASH-Based 8-Bit CMOS Microcontrollers 8-bit CMOS microcontroller, FLASH=1024 word, RAM=224b, EEPROM=128b, 20MHz 8-bit CMOS microcontroller, FLASH=2048 word, RAM=224b, EEPROM=128b, 20MHz 8-bit CMOS microcontroller, FLASH=4096 word, RAM=256b, EEPROM=256b, 20MHz
|
Microchip
|
CAT28F001N-15TT CAT28F001P-70B CAT28F001N-15BT CAT |
128K X 8 FLASH 12V PROM, 150 ns, PDIP32 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 128K X 8 FLASH 12V PROM, 70 ns, PDIP32 PLASTIC, DIP-32 x8 Flash EEPROM x8闪存EEPROM 1 Megabit CMOS Boot Block Flash Memory
|
Ironwood Electronics Atmel, Corp. Rectron Semiconductor http://
|