PART |
Description |
Maker |
2SJ338Y 2SJ338O |
TRANSISTOR | MOSFET | P-CHANNEL | 180V V(BR)DSS | 1A I(D) | TO-251AA Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| P通道| 180V五(巴西)直| 1A条(丁)|51AA
|
NEC, Corp.
|
328RPFE 328RPDS 328RPDE 328RPFC 328RPDB 328RPFB 32 |
8-Channel Analog Multiplexer Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 8通道模拟多路复用
|
Coilcraft, Inc.
|
3089-6318-00 3089-6317-00 3089-6817-00 3089-6819-0 |
Power Dividers2346 and 8-Way 800-900890-960or 1700-1900 MHz Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 功分2400-90090-960,或1700900年兆 1700 MHz - 1900 MHz RF/MICROWAVE SPLITTER, 0.5 dB INSERTION LOSS
|
Samtec, Inc.
|
32C408ARPFI-35 32C408ARPFC-25 32C408ARPFS-35 32C40 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset x8 SRAM Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset x8的SRAM
|
Advanced Interconnections, Corp.
|
2SD1752A 2SD1752 2SD1752/2SD1752A |
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis Power Transistors
|
Matsshita / Panasonic
|
2SD1511Q |
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis 晶体
|
Panasonic, Corp.
|
MAX6434 MAX6433 MAX6428 |
"Low- Power, Single/Dual-Level Battery Monitors with Hysteresis"
|
Maxim
|
2SD1747A 2SD1747 0661 2SD1747/2SD1747A |
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis From old datasheet system Power Transistors
|
Matsshita / Panasonic
|
2SD1585 2SD1584L-Z 2SD1584M-Z 2SD1584K-Z |
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis NPN SILICON POWER TRANSISTOR
|
NEC[NEC]
|
2SK0657 2SK657 2SK06572SK657 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset M-A1 Small-signal device - Small-signal FETs - MOS FETs
|
panasonic
|
2SK2642-01MR |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset N-CHANNEL SILICON POWER MOS-FET
|
FUJI[Fuji Electric]
|