PART |
Description |
Maker |
LTC1484C LTC1484CN8 |
Low-Power LinCMOS(TM) Quad Comparator 14-CDIP -55 to 125 LINE TRANSCEIVER, PDIP8 Low Power RS485 Transceiver with Receiver Fail-Safe
|
Linear Technology, Corp.
|
HS-26CT32RH HS1-26CT32RH_PROTO HS9-26CT32RH_PROTO |
Radiation Hardened Quad Differential Line Receiver QUAD LINE RECEIVER, CDFP16
|
Intersil Corporation http://
|
ADN4666 ADN4666ARUZ ADN4666ARUZ-REEL7 ADN4666ARZ A |
3 V, LVDS, Quad CMOS Differential Line Receiver; Package: 16-pin; Temperature Range: -40°C to 125°C QUAD LINE RECEIVER, PDSO16
|
Analog Devices, Inc.
|
ML925C45F ML920J45S ML920K45S ML920Y45S ML925B45F |
Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats), SOT612, Reel Dry Pack, SMD, 13" Triple input HDMI 1.3a compliant receiver interface with equalizer (up to 1080p for HDTV, and UXGA for PC formats), SOT612, Reel Dry Pack, SMD, 13" Ultra low power multiband silicon tuner, SOT617-1 (HVQFN32), Tray Pack, Bakeable, Multiple Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats), SOT612, Reel Dry Pack, SMD, 13" 1550,1520nm InGaAsP FP LASER DIODES
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MC1489AM MC1489M MC1489AMEL MC1489DR2 MC1489ADR2G |
Quad Line EIA-232D Receiver Quad Line Receivers
|
ONSEMI[ON Semiconductor]
|
LTC1689CSTRPBF LTC1689ISPBF LTC1689ISTRPBF LTC1688 |
100Mbps RS485 Hot Swapable Quad Drivers; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD LINE DRIVER, PDSO16 100Mbps RS485 Hot Swapable Quad Drivers; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD LINE DRIVER, PDSO16 100Mbps RS485 Hot Swapable Quad Drivers; Package: SO; No of Pins: 18; Temperature Range: -40°C to 85°C QUAD LINE DRIVER, PDSO16
|
Linear Technology, Corp.
|
MAX9173 |
Quad LVDS Line Receiver with Flow-Through Pinout and ?n-PathFail-Safe 四路LVDS线接收器,引脚按信号流向排列,带有通道失效保护 Quad LVDS Line Receiver with Flow- Through Pinout and “In-Path?Fail-Safe Quad LVDS Line Receiver with Flow-Through Pinout and "In-Path" Fail-Safe
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
LTC487INPBF LTC487ISTRPBF |
Quad Low Power RS485 Driver; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD LINE DRIVER, PDSO16
|
LINEAR TECHNOLOGY CORP
|
ST26C32 ST26C32CF16 ST26C32CP16 ST26C32IF16 ST26C3 |
QUAD RS-422, RS-423 CMOS Differential Line Receiver LINE RECEIVER, PDSO16 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:13.4A; On-Resistance, Rds(on):0.0065ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:8-SOIC; Leaded Process Compatible:No
|
Exar, Corp. EXAR[Exar Corporation]
|
AM26LS32ID |
QUAD LINE RECEIVER, PDSO16
|
NXP SEMICONDUCTORS
|
DEI3283-SAB-G DEI3283-CMS-G DEI3283-EMS DEI3283-SA |
LINE RECEIVER, PDSO20 LINE RECEIVER, CDIP20 LINE RECEIVER, CQCC20
|
DEVICE ENGINEERING INC
|
DM74ALS157 DM74ALS157.PDF DM74ALS158 DM74ALS158N D |
Quad 1 of 2 Line Data Selector/Multiplexers From old datasheet system Quad 1-of-2 Line Data Selector/Multiplexer ALS SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDIP16 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SO -40 to 85 ALS SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, INVERTED OUTPUT, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|