PART |
Description |
Maker |
LTC1750 LTC1750CFW LTC1750-15 |
14-Bit, 80Msps Wide Bandwidth ADC 14-Bit, 80Msps Wide Bandwidth ADC; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C
|
Linear Technology LINEAR TECHNOLOGY CORP
|
LTC2299IUPTR LTC2299CUPPBF LTC2299CUPTR |
Dual 14-Bit, 80Msps Low Power 3V ADC; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 14-Bit, 80Msps Low Power 3V ADC; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2249IUHPBF |
14-Bit, 80Msps Low Power 3V ADC; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 85°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC32
|
Linear Technology, Corp.
|
MAX1427ETNTD MAX1427ETN-TD MAX1427ETND MAX1427ETN- |
15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications 1-CH 15-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC56
|
Maxim Integrated Products, Inc.
|
MAX1209 MAX1209ETL |
80 Msps, 12-bit, 3.3 V IF-sampling ADC From old datasheet system 12-Bit, 80Msps, 3.3V IF-Sampling ADC
|
MAXIM - Dallas Semiconductor
|
LTC2239CUH LTC2239IUH |
10-Bit, 80Msps Low Noise 3V ADC
|
Linear Technology
|
LTC2259IUJ-16TRPBF LTC2259-16 LTC2259CUJ-16 LTC225 |
16-Bit, 80Msps Ultralow Power 1.8V ADC
|
Linear Technology
|
LT5517 |
14-Bit 80Msps Low Power 3V ADC
|
Linear Technology
|
LTC2239 |
10-Bit, 80Msps Low Noise 3V ADC
|
Linear Technology
|
CDK8307AILP64 CDK8307AITQ80 CDK8307BILP64 CDK8307B |
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
|
Cadeka Microcircuits LLC.
|
MAX1427 |
15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
|
MAXIM - Dallas Semiconductor
|