PART |
Description |
Maker |
MAX1080 MAX1080ACUP MAX1080AEUP MAX1080BCUP MAX108 |
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
|
Maxim Integrated Products, Inc.
|
MAX1282-MAX1283 MAX1282BEUE MAX1282 MAX1283BCUE MA |
300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference 300ksps/400ksps、单电源通道、串2位ADC,内置电压基 300ksps/400ksps.Single-Supply.4-Channel.Serial 12-Bit ADCs with Internal Reference 300ksps/400ksps、单电源通道、串2位ADC,内置电压基 1.5C Accurate Digital Temperature Sensor with SPI Interface 6-SOT-23 -40 to 125
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
LTC1417CGN |
Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
Linear Technology, Corp.
|
MAX1280 MAX1280BCUP MAX1280BEUP MAX1281 MAX1281BCU |
MAX1280 Evaluation System From old datasheet system 400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
|
MAXIM[Maxim Integrated Products]
|
258819 258823 258829 258831 258809 258808 258828 2 |
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface SIGN-FIRE EXTIGUISHER WATER 300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference MAX1280 Evaluation Kit/Evaluation System MAX1284 Evaluation Kit/Evaluation System 标志火灭焰器干战 1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs 标志火灭焰器
|
TE Connectivity, Ltd. Maxim Integrated Products, Inc.
|
MAX1064BCEGT |
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
|
MAXIM - Dallas Semiconductor
|
MAX1064 MAX1060 MAX1064BEEG MAX1060ACEI MAX1060AEE |
"400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1282 MAX1282BCUE MAX1282BEUE MAX1282-MAX1283 MA |
300ksps/400ksps / Single-Supply / 4-Channel / Serial 12-Bit ADCs with Internal Reference 300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference 300ksps/400ksps Single-Supply 4-Channel Serial 12-Bit ADCs with Internal Reference
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
LTC14001 1400 LTC1400IS8PBF LTC1400CS8TR LTC1400-1 |
Complete SO-8, 12-Bit, 400ksps ADC with Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Complete SO-8, 12-Bit, 400ksps ADC with Shutdown; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
TC3405 TC3405VPE TC3405VQR |
The TC3405 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It performs 16-bit conversions (15-bit plus sign) at up to eight per second.Thedeviceis optimizedforuseas microcontroller pe 16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
|
MICROCHIP[Microchip Technology]
|
MCP3221A0-I/OT MCP3221A0-E/OT MCP3221A2-I/OT MCP32 |
Low Power 12-Bit A/D Converter With I2C Interface Low Power 12-Bit A/D Converter With I2CInterface Low Power 12-Bit A/D Converter With I2C?/a> Interface 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO5
|
Microchip Technology Inc.
|
5962-8946803XC 5962-8946803ZA 5962-8946803YA 5962- |
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface UV-Erasable/OTP Complex PLD UV-Erasable/OTP复杂可编程逻辑器件 10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports UV-Erasable/OTP复杂可编程逻辑器件
|
Rohm Co., Ltd.
|