PART |
Description |
Maker |
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
G8343-11 G8343-12 G8343-21 G8343-22 G8343-31 G8343 |
InGaAs PIN photodiode with preamp Aluminum Snap-In Capacitor; Capacitance: 1500uF; Voltage: 160V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 30x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 450V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 200V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1000uF; Voltage: 200V; Case Size: 25x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 22x50 mm; Packaging: Bulk Optoelectronic 光电 InGaAs PIN photodiode with preamp 铟镓砷PIN光电二极管和前置放大
|
HAMAMATSU[Hamamatsu Corporation] NXP Semiconductors N.V. Hamamatsu Photonics K.K.
|
G8912BCI G8912BD G8912BL G8912BLI G8912BP G8912BE |
CMOS PCM Transmit/receive Filters Aluminum Snap-In Capacitor; Capacitance: 3900uF; Voltage: 63V; Case Size: 30x35 mm; Packaging: Bulk 的CMOS的PCM传输/接收 Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 80V; Case Size: 25x30 mm; Packaging: Bulk 的CMOS的PCM传输/接收 Aluminum Snap-In Capacitor; Capacitance: 1200uF; Voltage: 80V; Case Size: 22x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1200uF; Voltage: 80V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 63V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 63V; Case Size: 25x50 mm; Packaging: Bulk
|
California Micro Device... California Micro Devices Corporation
|
LGU2W820MELZ LGU2W820MELY LGU1C103MELA LGU1C103MEL |
Aluminum Snap-In Capacitor; Capacitance: 82uF; Voltage: 450V; Case Size: 22x30 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 82 uF, THROUGH HOLE MOUNT Aluminum Snap-In Capacitor; Capacitance: 82uF; Voltage: 450V; Case Size: 20x35 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 82 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 10000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 12000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 15000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 18000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 22000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27000 uF, THROUGH HOLE MOUNT Withstanding 3000 hours application of rated ripple current at 105°C.
|
Nichicon, Corp. Nichicon corporation
|
EETUQ1C333JJ EETUQ1C273KJ EETUQ2F221HJ EETUQ1C333L |
Aluminum Electrolytic Capacitors/ UQ Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 33000 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitors/ UQ Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27000 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitors/ UQ Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 220 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitors/ UQ Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 315 V, 330 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitors/ UQ Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 315 V, 390 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitors/ UQ Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 18000 uF, THROUGH HOLE MOUNT
|
Panasonic, Corp.
|
AK9824 AK9824M AK9822 AK9822M |
2ch 8bit DA 4Kbit EEPROM 2ch 8bit DA 2Kbit EEPROM 2K / 4Kbit EEPROM with 2ch 8bit D/A Converter Aluminum Snap-In Capacitor; Capacitance: 2200uF; Voltage: 160V; Case Size: 35x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 160V; Case Size: 30x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 160V; Case Size: 20x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 160V; Case Size: 35x35 mm; Packaging: Bulk 2K / 4Kbit通道8位的EEPROM / A转换
|
http:// AKM[Asahi Kasei Microsystems] Asahi Kasei Microsystems Co.,Ltd Asahi Kasei Microsystems Co., Ltd.
|
G8372-01 G8372-03 G8422-05 G5852-103 G5852-11 G585 |
Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 30x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 450V; Case Size: 35x35 mm; Packaging: Bulk InGaAs PIN photodiode
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
EEUEBXXX EEUEB1A101 EEUEB1A101S EEUEB1A221 EEUEB1A |
Aluminum Electronic Capacitor Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 220 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 100 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 3.3 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1000 uF, THROUGH HOLE MOUNT KJL 79C 79#22 PIN RECP CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 4.7 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 1000 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 1000 uF, THROUGH HOLE MOUNT
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
LG420M150BP3-2535 LG400M68BP4-2520 LG420M150BP3-22 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 420 V, 150 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 68 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 1800 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 315 V, 180 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 1500 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 1000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 18000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 3300 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 6800 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 3900 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 4700 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 12000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 22000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 2700 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 3900 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 2200 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 10000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 15000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 4700 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 5600 uF, THROUGH HOLE MOUNT ROHS COMPLIANT
|
Yageo, Corp. Glenair, Inc.
|
LPR472M063E7P3 LPR333M010E7P3 LPR391M250E7P3 LPR15 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 4700 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 33000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 390 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 15000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 2700 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 22000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 1000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 560 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 12000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 39000 uF, THROUGH HOLE MOUNT CAN
|
Aerovox, Corp.
|
M34282M2-064GP |
Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:68000uF RoHS Compliant: Yes
|
Mitsubishi Electric Corporation
|
UPM1A182MHD1TO UPM1E151MPD |
Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 1800uF; Voltage: 10V; Case Size: 12.5x20 mm; Packaging: Tape & Ammo CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 1800 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
|
Nichicon, Corp. Nichicon corporation
|
|