PART |
Description |
Maker |
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
R1250 |
PHOTOMULTIPLIER TUBE Linear Sensor Photodiode Array; 128x1 Sensor-Elements Organization; 400 Dots-Per-Inch (DPI) Sensor Pitch; High Linearity and Uniformity; Wide Dynamic
|
Hamamatsu Corporation Hamamatsu Photonics
|
224CNQ045 224CNQ 224CNQ035 224CNQ040 |
SCHOTTKY RECTIFIER 35V 220A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package Proximity Sensor; Sensor Input Type:Magnetic; Sensor Output Type:NPN; Leaded Process Compatible:No; Output Type:3 Wire; Peak Reflow Compatible (260 C):No; Sensor Housing:Barrel
|
IRF[International Rectifier]
|
MK16-C-2 |
SENSOR MAGNETIC 15-20 A/T SMD PROXIMITY SENSOR-PHOTOELECTRIC, RECTANGULAR, SURFACE MOUNT
|
MEDER electronic
|
STV-6502V-D01 STV-6502V/F-D01 |
Sensor Daughter Board for VS 6502 CMOS Image Sensor Module
|
ST Microelectronics
|
ISL2901110 |
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
|
Intersil Corporation
|
ISL29011IROZ-EVALZ ISL29011 ISL29011IROZ-T7 |
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
|
Intersil Corporation
|
MK18-B-100W |
SENSOR MAGNETIC CYLINDER REED PROXIMITY SENSOR-PHOTOELECTRIC, CYLINDRICAL, PANEL MOUNT
|
MEDER electronic
|
FZAM18P6460/S14 |
POSITION, LINEAR SENSOR-DIFFUSE, 60-430mm, 200mA, CYLINDRICAL, BOARD MOUNT THROUGH BEAM SENSOR
|
CTS, Corp.
|
1GQ8001 |
PROXIMITY SENSOR-HALL EFFECT, 0.1-2mm, 0.40V, CYLINDRICAL SENSOR MOD GEAR TOOTH 1.5
|
HONEYWELL SENSING AND CONTROL
|